Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC690 Datasheet (PDF) - STMicroelectronics

M54HC690 Datasheet PDF - STMicroelectronics
Part # M54HC690
Download  M54HC690 Download
File Size   433.62 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE

M54HC690 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC690 Datasheet PDF - STMicroelectronics

Part # M54HC690
Download  M54HC690 Click to download

File Size   433.62 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE

M54HC690 Datasheet (HTML) - STMicroelectronics


M54HC690 Product details

DESCRIPTION
The HC690/691/692/693 are high speed CMOS COUNTER/REGISTER fabricated in silicon gate C2MOS technology.
They have the same high speed performance of LSTTL combined with true CMOS low power consumption.

■ HIGH SPEED fMAX = 50 MHz (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS (for QA to QD) 10 LSTTL LOADS (for RCO)
■ SYMMETRICAL OUTPUT IMPEDANCE
     |IOH| = IOL = 6 mA (MIN.) (for QA to QD)
     |IOH| = IOL = 4 mA (MIN.) (for RCO)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V to 6 V
■ PIN AND FUNCTION COMPATIBLE WITH LSTTL 54/74LS690/691




Similar Part No. - M54HC690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC696 STMICROELECTRONICS-M54HC696 Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696B1R STMICROELECTRONICS-M54HC696B1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696C1R STMICROELECTRONICS-M54HC696C1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696F1R STMICROELECTRONICS-M54HC696F1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696M1R STMICROELECTRONICS-M54HC696M1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
More results


Similar Description - M54HC690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
Oct-1993
M54HC696 STMICROELECTRONICS-M54HC696 Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
01-Jun-2004
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com