Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC690
Description  HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC690 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC690 Datasheet HTML 1Page - STMicroelectronics M54HC690 Datasheet HTML 2Page - STMicroelectronics M54HC690 Datasheet HTML 3Page - STMicroelectronics M54HC690 Datasheet HTML 4Page - STMicroelectronics M54HC690 Datasheet HTML 5Page - STMicroelectronics M54HC690 Datasheet HTML 6Page - STMicroelectronics M54HC690 Datasheet HTML 7Page - STMicroelectronics M54HC690 Datasheet HTML 8Page - STMicroelectronics M54HC690 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
M54/74HC690/691
M54/74HC692/693
March 1993
HC691/693 4 BIT BINARY COUNTER/REGISTER (3-STATE)
HC690/692 DECADE COUNTER/REGISTER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 50 MHz (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS (for QA to QD)
10 LSTTL LOADS (for RCO)
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 6 mA (MIN.) (for QA to QD)
IOH =IOL = 4 mA (MIN.) (for RCO)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH LSTTL 54/74LS690/691
The HC690/691/692/693 are high speed CMOS
COUNTER/REGISTER fabricated in silicon gate
C
2MOS technology.
They have the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption.
The internal circuit is composed of 3 stages includ-
ing buffer output, which offers high noise immunity
and stable output. These devices incorporate a syn-
chronous counter, four-bit D-type register, and
quadruple two-line to one-line multiplexers with
three-state outputs in a single 20-pin package. The
counter can be programmed from the data inputs
and have enable P and enable T inputs and a ripple-
carry output for easy expansion. The regis-
ter/counter select input, R/C, selects the counter
when low or the register when high for the three-
state outputs, QA, QB, QC, and QD.
If the LOAD input (LOAD) is held ”L” DATA input (A-
D) are loaded in to the internal counter at positive
edge of counter clock input (CCK). In the counter
mode, internal counter counts up at the positive of
the counter clock. If the counter clear input (CCLR)
is held ”L”, the internal counter is cleared ( synchron-
ously to the counter clock for HC692/HC693, and
asynchronously for HC690/HC691). The internal
DESCRIPTION
1/23


Similar Part No. - M54HC690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC696 STMICROELECTRONICS-M54HC696 Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696B1R STMICROELECTRONICS-M54HC696B1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696C1R STMICROELECTRONICS-M54HC696C1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696F1R STMICROELECTRONICS-M54HC696F1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
M54HC696M1R STMICROELECTRONICS-M54HC696M1R Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
More results

Similar Description - M54HC690

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
Oct-1993
M54HC696 STMICROELECTRONICS-M54HC696 Datasheet
429Kb / 22P
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Mar-1993
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
01-Jun-2004
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com