Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595 Datasheet (PDF) - STMicroelectronics

74HC595 Datasheet PDF - STMicroelectronics
Part # 74HC595
Download  74HC595 Download
File Size   282.9 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE

74HC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC595 Datasheet PDF - STMicroelectronics

Part # 74HC595
Download  74HC595 Click to download

File Size   282.9 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE

74HC595 Datasheet (HTML) - STMicroelectronics


74HC595 Product details

DESCRIPTION
The M54/74HC595 is a high speed CMOS 8-BIT SHIFT REGISTERS/OUTPUT LATCHES (3-STATE) fabricated in silicon C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. This device contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. The storage register has 8 3-STATE outputs. Separate clocks are provided for both the shift register and the storage register.

■ HIGH SPEED
   fMAX = 55 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
   VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
   15 LSTTL LOADS FOR QA TO QH
   10 LSTTL LOADS FOR QH’
■ SYMMETRICAL OUTPUT IMPEDANCE
   |IOH| = IOL = 6 mA (MIN.) FOR QA TO QH
   |IOH| = IOL = 4 mA (MIN.) FOR QH’
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
   WITH LSTTL 54/74LS595




Similar Part No. - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Wing Shing Computer Com...
74HC595 WINGS-74HC595 Datasheet
251Kb / 8P
8-Bit Shift Registers W ith Latched 3-State Output
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
More results


Similar Description - 74HC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F595 PHILIPS-74F595 Datasheet
99Kb / 13P
8-bit shift register with output laches 3-State
1990 Apr 18
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
8-Bit Shift Register with Output Latches
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com