Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74HC595
Description  8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC595 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74HC595 Datasheet HTML 2Page - STMicroelectronics 74HC595 Datasheet HTML 3Page - STMicroelectronics 74HC595 Datasheet HTML 4Page - STMicroelectronics 74HC595 Datasheet HTML 5Page - STMicroelectronics 74HC595 Datasheet HTML 6Page - STMicroelectronics 74HC595 Datasheet HTML 7Page - STMicroelectronics 74HC595 Datasheet HTML 8Page - STMicroelectronics 74HC595 Datasheet HTML 9Page - STMicroelectronics 74HC595 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time (Qn)
2.0
50
25
60
75
90
ns
4.5
7
121518
6.0
6
101315
tTLH
tTHL
Output Transition
Time (QH’)
2.0
50
30
75
95
115
ns
4.5
8
151923
6.0
7
131620
tPLH
tPHL
Propagation
Delay Time
(SCK - QH’)
2.0
50
45
125
155
190
ns
4.5
15
25
31
38
6.0
13
21
26
32
tPLH
tPHL
Propagation
Delay Time
(SCLR - QH’)
2.0
50
60
175
220
265
ns
4.5
18
35
44
53
6.0
15
30
37
45
tPLH
tPHL
Propagation
Delay Time
(RCK - Qn)
2.0
50
60
150
190
225
ns
4.5
20
30
38
45
6.0
17
26
32
38
2.0
150
75
190
240
285
ns
4.5
25
38
48
57
6.0
22
32
41
48
tPZL
tPZH
3 State Output
Enable Time
2.0
50
RL =1 K
Ω
45
135
170
205
ns
4.5
15
27
34
41
6.0
13
23
29
35
2.0
150
RL =1 K
Ω
60
175
220
265
ns
4.5
20
35
44
53
6.0
17
30
37
45
tPLZ
tPHZ
3 State Output
Disable Time
2.0
50
RL =1 K
Ω
30
150
190
225
ns
4.5
15
30
38
45
6.0
14
26
32
38
fMAX
Maximum Clock
Frequency
2.0
50
6.0
17
4.8
4
ns
4.5
30
50
24
20
6.0
35
59
28
24
2.0
150
5.2
14
4.2
3.4
ns
4.5
26
40
21
17
6.0
31
45
25
20
tW(H)
Minimum Pulse
Width
(SCK, RCK)
2.0
50
17
75
95
110
ns
4.5
6
151922
6.0
6
131619
tW(L)
Minimum Pulse
Width
(SCLR)
2.0
50
20
75
95
110
ns
4.5
6
151922
6.0
6
131619
ts
Minimum Set-up
Time
(SI - CCK)
2.0
50
25
50
65
75
ns
4.5
5
101315
6.0
4
9
11
13
M54/M74HC595
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com