Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC4735PA Datasheet (PDF) - Semtron Microtech Corporation

SMC4735PA Datasheet PDF - Semtron Microtech Corporation
Part # SMC4735PA
Download  SMC4735PA Download
File Size   360.69 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single P-Channel MOSFET

SMC4735PA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC4735PA Datasheet PDF - Semtron Microtech Corporation

Part # SMC4735PA
Download  SMC4735PA Click to download

File Size   360.69 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single P-Channel MOSFET

SMC4735PA Datasheet (HTML) - Semtron Microtech Corporation


SMC4735PA Product details

■DESCRIPTION
The SMC4735PA uses trench MOSFET technology
Provides extremely low RDS(ON), Low resistance
package and excellent fast switching performance.
This device is ideal for efficient and fast switching
applications.
■FEATURES
VDS=-30V, ID=-45A
RDS(ON)=10mΩ(Typ.)@VGS=-10V
RDS(ON)=14mΩ(Typ.)@VGS=-4.5V
◆100% UIS and Rg tested
◆High power and current handling capability
■APPLICATIONS
◆Load Switch
◆Power Management




Similar Part No. - SMC4735PA

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
SMC4730PA SEMTRON-SMC4730PA Datasheet
335Kb / 5P
Single N-Channel MOSFET
SMC4733PA SEMTRON-SMC4733PA Datasheet
605Kb / 5P
Single P-Channel MOSFET
SMC4734PA SEMTRON-SMC4734PA Datasheet
651Kb / 5P
Single N-Channel MOSFET
SMC4738PA SEMTRON-SMC4738PA Datasheet
582Kb / 5P
Single N-Channel MOSFET
More results


Similar Description - SMC4735PA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14407AA-N ELM-TECH-ELM14407AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14409AA-N ELM-TECH-ELM14409AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14419AA-N ELM-TECH-ELM14419AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14427AA-N ELM-TECH-ELM14427AA-N Datasheet
98Kb / 4P
Single P-channel MOSFET
ELM14437AA-N ELM-TECH-ELM14437AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM17415GA-S ELM-TECH-ELM17415GA-S Datasheet
99Kb / 4P
Single P-channel MOSFET
ELM32401LA-S ELM-TECH-ELM32401LA-S Datasheet
270Kb / 4P
Single P-channel MOSFET
ELM32405LA-S ELM-TECH-ELM32405LA-S Datasheet
250Kb / 4P
Single P-channel MOSFET
ELM32409LA-S ELM-TECH-ELM32409LA-S Datasheet
149Kb / 4P
Single P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com