Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC4738PA Datasheet (PDF) - Semtron Microtech Corporation

SMC4738PA Datasheet PDF - Semtron Microtech Corporation
Part # SMC4738PA
Download  SMC4738PA Download
File Size   582.09 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single N-Channel MOSFET

SMC4738PA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC4738PA Datasheet PDF - Semtron Microtech Corporation

Part # SMC4738PA
Download  SMC4738PA Click to download

File Size   582.09 Kbytes
Page   5 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description Single N-Channel MOSFET

SMC4738PA Datasheet (HTML) - Semtron Microtech Corporation


SMC4738PA Product details

■DESCRIPTION
SMC4738PA is the N-Channel enhancement mode power field effect transistors are using trench DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior, fast switching performance, and withstand high energy pulse in the avalanche and commutation mode.These devices are well suited for high efficiency fast switching applications.
■FEATURES
VDS=30V, ID=50A
RDS(ON)=7mΩ(Typ.)@VGS=10V
RDS(ON)=9.5mΩ(Typ.)@VGS=4.5V
◆100% EAS Guaranteed
◆Low Gate Charge
◆Fast Switching
◆Improved dv/dt Capability
■APPLICATIONS
◆Power Management
◆Load Switch




Similar Part No. - SMC4738PA

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
SMC4730PA SEMTRON-SMC4730PA Datasheet
335Kb / 5P
Single N-Channel MOSFET
SMC4733PA SEMTRON-SMC4733PA Datasheet
605Kb / 5P
Single P-Channel MOSFET
SMC4734PA SEMTRON-SMC4734PA Datasheet
651Kb / 5P
Single N-Channel MOSFET
SMC4735PA SEMTRON-SMC4735PA Datasheet
360Kb / 5P
Single P-Channel MOSFET
More results


Similar Description - SMC4738PA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
ELM16404EA-S ELM-TECH-ELM16404EA-S Datasheet
406Kb / 4P
Single N-channel MOSFET
ELM34416AA-N ELM-TECH-ELM34416AA-N Datasheet
331Kb / 4P
Single N-channel MOSFET
ELM2H400SA-S ELM-TECH-ELM2H400SA-S Datasheet
1Mb / 4P
Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
Single N-channel MOSFET
ELM3D0804A-S ELM-TECH-ELM3D0804A-S Datasheet
811Kb / 4P
Single N-channel MOSFET
ELM3DK502A-S ELM-TECH-ELM3DK502A-S Datasheet
877Kb / 4P
Single N-channel MOSFET
ELM32D606A-S ELM-TECH-ELM32D606A-S Datasheet
870Kb / 4P
Single N-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com