Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC76 Datasheet (PDF) - STMicroelectronics

M74HC76 Datasheet PDF - STMicroelectronics
Part # M74HC76
Download  M74HC76 Download
File Size   251.87 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL J-K FLIP FLOP WITH PRESET AND CLEAR

M74HC76 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC76 Datasheet PDF - STMicroelectronics

Part # M74HC76
Download  M74HC76 Click to download

File Size   251.87 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL J-K FLIP FLOP WITH PRESET AND CLEAR

M74HC76 Datasheet (HTML) - STMicroelectronics


M74HC76 Product details

DESCRIPTION
The M54/74HC76 is a high speed CMOSDUAL J-K FLIP FLOP fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. Depending on with the logic level at the J and K inputs this device changes state on the negative going transition of the clock pulse. CLEAR and PRESET are independent of the clock and are accomplished by a logic low on the corresponding input. All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED fMAX = 65 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 2 µA (MAX.) AT 25 °C
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS76




Similar Part No. - M74HC76

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC76 STMICROELECTRONICS-M74HC76 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HC7640 STMICROELECTRONICS-M74HC7640 Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
M74HC7640B1R STMICROELECTRONICS-M74HC7640B1R Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
M74HC7640C1R STMICROELECTRONICS-M74HC7640C1R Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
More results


Similar Description - M74HC76

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
Dual J-K Flip-Flop(with Preset and Clear)
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC112F TOSHIBA-TC74AC112F_12 Datasheet
267Kb / 8P
Dual J-K Flip Flop with Preset and Clear
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com