Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC76 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC76
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC76 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC76 Datasheet HTML 1Page - STMicroelectronics M74HC76 Datasheet HTML 2Page - STMicroelectronics M74HC76 Datasheet HTML 3Page - STMicroelectronics M74HC76 Datasheet HTML 4Page - STMicroelectronics M74HC76 Datasheet HTML 5Page - STMicroelectronics M74HC76 Datasheet HTML 6Page - STMicroelectronics M74HC76 Datasheet HTML 7Page - STMicroelectronics M74HC76 Datasheet HTML 8Page - STMicroelectronics M74HC76 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC76
M74HC76
October 1992
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HC76F1R
M74HC76M1R
M74HC76B1R
M74HC76C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
fMAX = 65 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =2
µA (MAX.) AT 25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS76
The M54/74HC76 is a high speed CMOS DUAL J-K
FLIP FLOP fabricated in silicon gate C
2MOS tech-
nology. It has the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption. Depending on with the logic level at the J
and K inputs this device changes state on the nega-
tive going transition of the clock pulse. CLEAR and
PRESET are independent of the clock and are ac-
complished by a logic low on the corresponding
input. All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/11


Similar Part No. - M74HC76

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC76 STMICROELECTRONICS-M74HC76 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
M74HC7640 STMICROELECTRONICS-M74HC7640 Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
M74HC7640B1R STMICROELECTRONICS-M74HC7640B1R Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
M74HC7640C1R STMICROELECTRONICS-M74HC7640C1R Datasheet
257Kb / 10P
OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
Jan-1994
More results

Similar Description - M74HC76

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
Dual J-K Flip-Flop(with Preset and Clear)
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC112F TOSHIBA-TC74AC112F_12 Datasheet
267Kb / 8P
Dual J-K Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com