Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8566A Datasheet (PDF) - ELAN Microelectronics Corp

EKA8566A Datasheet PDF - ELAN Microelectronics Corp
Part # EKA8566A
Download  EKA8566A Download
File Size   657.41 Kbytes
Page   37 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description USB Audio Controller

EKA8566A Datasheet (PDF)

Go To PDF Page Download Datasheet
EKA8566A Datasheet PDF - ELAN Microelectronics Corp

Part # EKA8566A
Download  EKA8566A Click to download

File Size   657.41 Kbytes
Page   37 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description USB Audio Controller

EKA8566A Datasheet (HTML) - ELAN Microelectronics Corp


EKA8566A Product details

General Description
The eKA8566A is a USB digital audio controller with audio data processing that supports 16-bit 2-channel format at 48kHz, 44.1kHz, 32kHz or 8kHz sampling rate. The device has an integrated USB transceiver, USB core, MCU, DAC, ADC, and I2S Input/Output. It can handle a high-level USB protocol, and manages user interface via general I/O pins.

Features
■ USB Specification v1.1 Compliant
■ USB Audio and Human Interface Device (HID) Class v1.1 Compliant
■ Supports 12 Mbits/sec Full Speed Serial Data Transmission
■ Supports 48kHz, 44.1kHz, 32kHz, 8kHz sampling rate
■ Single oscillator: 6MHz
■ Audio buffer size: 192×16 bits × 2
■ Total of four Endpoints: Endpoint 0 for control transfer, Endpoint 1 for audio streaming out, Endpoint 2 for streaming in , Endpoint 3 for HID
■ Supports stereo/mono playback
■ Built-in 2-channel D/A Converter with 10-bit resolution
■ Built-in 1-channel A/D converter with 10-bit resolution
■ Alternative settings supported by the audio streaming-out interface:
    ALT-0: (default setting) zero isochronous bandwidth
    ALT-1: 16-bit PCM 2 channel
■ Alternative settings supported by the audio streaming-in interface:
    ALT-0: (default setting) zero isochronous bandwidth
    ALT-1: 16-bit PCM stereo
■ 2K×13 on-chip program ROM
■ 32 bytes of general purpose RAM (R20~R3F)
■ RC Oscillator with internal RC
■ 5 level stack for subroutine nesting
■ Total of 12 I/O pins (Port 50 ~ Port 57, Port 60~Port 63)
■ Supports buzzer/LED output pin
■ Port 5 and Port 6 with pull-up resistors
■ Wake-up pin in Port 5 and Port 6
■ MCU runs at 6 MHz frequency
■ Package: 48-pin LQFP

Applications
■ Skype + PSTN (Public Switched Telephone Network)




Similar Part No. - EKA8566A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
USB Audio Controller
More results


Similar Description - EKA8566A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
USB AUDIO CONTROLLER
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
logo
C-Media Electronics
CM101S+ CMEDIA-CM101S+ Datasheet
682Kb / 22P
USB 2CH Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
USB AUDIO Controller
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
USB Audio Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
USB Audio Controller
logo
Savitech Corp.
SA9226 SAVITECH-SA9226 Datasheet
501Kb / 28P
USB Audio Streaming Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
USB AUDIO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com