Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet (PDF) - ELAN Microelectronics Corp

EKA8564A Datasheet PDF - ELAN Microelectronics Corp
Part # EKA8564A
Download  EKA8564A Download
File Size   255.0 Kbytes
Page   16 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description USB Audio Controller

EKA8564A Datasheet (PDF)

Go To PDF Page Download Datasheet
EKA8564A Datasheet PDF - ELAN Microelectronics Corp

Part # EKA8564A
Download  EKA8564A Click to download

File Size   255.0 Kbytes
Page   16 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description USB Audio Controller

EKA8564A Datasheet (HTML) - ELAN Microelectronics Corp


EKA8564A Product details

General Description

The eKA8564A is a USB digital audio controller with audio data processing that supports 16-bit 2-channel format at 48kHz, 44.1kHz, 32kHz or 8kHz sampling rate. The device has an integrated USB transceiver, USB core, MCU, DAC, ADC, and I2S Input/Output. It can handle a high-level USB protocol, and manages user interface via HID I/O pins.



Features

■ USB Specification v1.1 Compliant

■ USB Audio and Human Interface Device (HID) Class v1.1 Compliant

■ Supports 12 Mbits/s Full Speed Serial Data Transmission

■ Supports 48kHz, 44.1kHz, 32kHz, 8kHz sampling rate

■ Single oscillator: 6MHz

■ Audio buffer size: 192×16 bits × 2

■ Total of four Endpoints: Endpoint 0 for control transfer, Endpoint 1 for audio streaming out, Endpoint 2 for streaming in , Endpoint 3 for HID

■ Supports stereo/mono playback

■ Built-in 2-channel D/A Converter with 10-bit resolution

■ Built-in 1-channel A/D converter with 10-bit resolution

■ Alternative settings supported by the audio streaming-out interface:

   ALT-0: (default setting) zero isochronous bandwidth

   ALT-1: 16-bit PCM 2 channel

■ Alternative settings supported by the audio streaming-in interface:

   ALT-0: (default setting) zero isochronous bandwidth

   ALT-1: 16-bit PCM stereo

■ 2K×13 on-chip program ROM

■ 32 bytes of general purpose RAM (R20~R3F)

■ RC Oscillator with internal RC

■ 5 level stack for subroutine nesting

■ Total of 8 HID control pins (Mute Speaker, Volume Down, Volume Up, Mute REC, Play/Pause, Stop, Scan next track, Scan previous track)

■ Total of 4 LED output pins (REC Mute LED, Power LED, Play LED, SPK Mute LED)

■ MCU run at 6 MHz frequency

■ Package: 48-pin LQFP



Applications

■ USB Speaker

■ USB Microphone

■ USB Telephone



 




Similar Part No. - EKA8564A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
USB Audio Controller
More results


Similar Description - EKA8564A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
USB AUDIO CONTROLLER
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
logo
C-Media Electronics
CM101S+ CMEDIA-CM101S+ Datasheet
682Kb / 22P
USB 2CH Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
USB AUDIO Controller
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
USB Audio Controller
logo
ELAN Microelectronics C...
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
USB Audio Controller
logo
Savitech Corp.
SA9226 SAVITECH-SA9226 Datasheet
501Kb / 28P
USB Audio Streaming Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
USB AUDIO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com