Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EKA8564A Datasheet HTML 1Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 2Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 3Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 4Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 5Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 6Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
eKA8564A
USB Audio Controller
Product Specification (V0.1) 09.08.2006
• 1
(This specification is subject to change without further notice)
1
General Description
The eKA8564A is a USB digital audio controller with audio data processing that
supports 16-bit 2-channel format at 48kHz, 44.1kHz, 32kHz or 8kHz sampling rate.
The device has an integrated USB transceiver, USB core, MCU, DAC, ADC, and I
2
S
Input/Output. It can handle a high-level USB protocol, and manages user interface via
HID I/O pins.
2
Features
USB Specification v1.1 Compliant
USB Audio and Human Interface Device (HID) Class v1.1 Compliant
Supports 12 Mbits/s Full Speed Serial Data Transmission
Supports 48kHz, 44.1kHz, 32kHz, 8kHz sampling rate
Single oscillator: 6MHz
Audio buffer size: 192
×16 bits × 2
Total of four Endpoints: Endpoint 0 for control transfer, Endpoint 1 for audio
streaming out, Endpoint 2 for streaming in , Endpoint 3 for HID
Supports stereo/mono playback
Built-in 2-channel D/A Converter with 10-bit resolution
Built-in 1-channel A/D converter with 10-bit resolution
Alternative settings supported by the audio streaming-out interface:
ALT-0: (default setting) zero isochronous bandwidth
ALT-1: 16-bit PCM 2 channel
Alternative settings supported by the audio streaming-in interface:
ALT-0: (default setting) zero isochronous bandwidth
ALT-1: 16-bit PCM stereo
2K
×13 on-chip program ROM
32 bytes of general purpose RAM (R20~R3F)
RC Oscillator with internal RC
5 level stack for subroutine nesting
Total of 8 HID control pins (Mute Speaker, Volume Down, Volume Up, Mute REC,
Play/Pause, Stop, Scan next track, Scan previous track)
Total of 4 LED output pins (REC Mute LED, Power LED, Play LED, SPK Mute LED)
MCU run at 6 MHz frequency
Package: 48-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com