Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 5Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 6Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
eKA8564A
USB Audio Controller
Product Specification (V0.1) 09.08.2006
• 5
(This specification is subject to change without further notice)
Symbol
Pin No.
I/O
Function
OPNF
31
I
Non-inverting type amplifier. Normally, a feedback resistor
connects from AMPO to OPNF and a gain resistor connects to
MIC.
AMPO
32
O
Gain amplifier output and negative feedback terminal for MIC
ALC
33
I
Automatic Level Control adjustment pin for MIC
F_ROUT
34
O
Front right channel analog audio output pin
VDA2
35
PWR
DAC analog power supply Pin 2
VDA1
36
PWR
DAC analog power supply Pin 1
F_LOUT
37
O
Front left channel analog audio output pin
AGND1
38
PWR
2-channel D/A ground pin
VBUS
39
PWR
USB bus power supply pin
VPHY
40
PWR
PHY and PLL power supply pin
DGND2
41
PHY ground pin
DP
42
I/O
USB plus data line interface
DM
43
I/O
USB minus data line interface
DGND1
44
PWR
Digital ground pin
FS_SEL0
FS_SEL1
45,46
I
I
2
S’s Sample Frequency
Sample Frequency
MCLK
00
32kHz
8.192 MHz
01
8kHz
2.048 MHz
10
44.1kHz
11.2896 MHz
11
48kHz
12.288 MHz
Internal pull-high resistors are connected to VD.
MCLKE
47
I
External MCLK enable pin.
0 : use external MCLK and MCLK pin is input pin
1 : use internal MCLK and MCLK pin is output pin
An internal pull-high resistor is connected to VD.
MCLK
48
I/O
Crystal oscillator I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com