Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 4Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 5Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 6Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
eKA8564A
USB Audio Controller
4
Product Specification (V0.1) 09.08.2006
(This specification is subject to change without further notice)
6
Pin Assignment
Symbol
Pin No.
I/O
Function
BCLK
1
O
BCLK for I
2
S interface
LRCLK
2
O
LRCLK for I
2
S interface
SDATA
3
O
I
2
S interface for FL, FR output
I_BCLK
4
I
BCLK for I
2
S interface
I_LRCLK
5
I
LRCLK for I
2
S interface
I_SDATA
6
I
I
2
S interface for FL, FR input
Play_LED
7
O
Play LED
Power_LED
8
O
Power LED
REC_Mute_LED
9
O
Record Mute LED
SPK_Mute_LED
10
O
Speaker Mute LED
MuteREC
11
I
Mute record button
Vol-
12
I
Volume down button
Vol+
13
I
Volume up button
MuteSPK
14
I
Mute Speaker button
SPT
15
I
Media Key: Scan previous track button
SNT
16
I
Media Key: Scan next track button
Stop
17
I
Media Key: Stop button
PlayPause
18
I
Media Key: Play/Pause button
RECORD_SEL
19
I
Record select pin.
1 : I
2
S record
0 : ADC record
An internal pull-low resistor is connected to DGND.
OSCO
20
O
Crystal output
OSCI
21
I
Crystal input
Test
22
I
Test mode select pin
Test = 0, enter normal mode
Test = 1, enter test mode
An internal pull-low resistor is connected to DGND.
PLLC
23
I
External capacitor for PLL
VAD
24
PWR
ADC analog power supply pin
AGND3
25
A/D and PLL ground pin
VA
26
PWR
Analog power supply pin
VMIC
27
O
Power supply for external MIC
MIC_IN
28
I
Microphone analog input pin
Vref
29
O
Bandgap reference output
AGND2
30
MIC ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com