Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 13Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 14Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 15Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 16Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
eKA8564A
USB Audio Controller
10
•
Product Specification (V0.1) 09.08.2006
(This specification is subject to change without further notice)
11 I
2S Interface Signal
MSB -1
-2
-3
+3 +2 +1 LSB
MSB -1
-2
-3
+3 +2 +1 LSB
LRCLK
BCLK
SDATA
31
31
0
0
Left Channel
Right Channel
Fig 11-1 I
2S Justified Audio Stream Format
MSB -1
-2
-3
+3 +2 +1 LSB
MSB -1
-2
-3
+3 +2 +1 LSB
LRCLK
BCLK
SDATA
31
31
0
0
Left Channel
Right Channel
Fig 11-2 Left Justified Audio Stream Format
MSB -1
-2
-3
+3 +2 +1 LSB
MSB -1
-2
-3
+3 +2 +1 LSB
LRCLK
BCLK
SDATA
31
31
0
0
Left Channel
Right Channel
Fig 11-3 Right Justified Audio Stream Format
The LRCLK and BCLK are derived from MCLK. The frequency ratio
MCLK : LRCLK:BCLK = 256: 1 : 64.
The frequency of LRCLK equals the sampling rate 48kHz, 44.1kHz, 32kHz or 8kHz
based on FS_SEL0 and FS_SEL1 pins status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com