Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 13Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 14Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 15Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 16Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
eKA8564A
USB Audio Controller
8
•
Product Specification (V0.1) 09.08.2006
(This specification is subject to change without further notice)
9.2 Analog Electrical Characteristic
Parameter
Condition
Min
Typ
Max
Unit
ADC
ADC Resolution
−
−
10
−
Bits
ADC Sampling Frequency
−
−
48
−
kHz
Internal High Reference Voltage for ADC
−
−
2.55
−
V
Internal Low Reference Voltage for ADC
−
−
0.75
−
V
Pre-Amplifier Spec.
Pre-Amplifier Voltage Gain
−
19.5
20
20.5
dB
Gain Amplifier Spec.
Voltage Amplifier Gain
−
49
50
51
dB
Output Voltage Swing
−
−
1.6
−
Vp-p
Output Voltage
−
0.85
−
2.45
V
ALC Circuit Spec.
ALC Detection Level
MIC input = 7.5mV
-40
−
dBm
ALC Operating Range
−
36
40
44
dB
LPF Spec
Pass-Band Ripple
−
−
−
0.5
dB
Pass-Band Cutoff Frequency
−
−
4
−
kHz
Stop-Band Attenuation @ 24kHz
−
70
−
−
dB
Stop-Band Attenuation @ 48kHz
−
90
−
−
dB
DAC
DAC Resolution
−
−
10
−
Bits
DAC Sampling Frequency
−
−
48
−
kHz
Reference Voltage (Vref)
−
1.45
1.65
1.85
V
Minimum Analog Output Voltage
−
0.45
0.65
0.85
V
Maximum Analog Output Voltage
−
2.45
2.65
2.85
V
Full Scale Voltage Range
VDA=3.3V
-5%
2.0
+5%
V
Analog Output Impedance at Each Output Pin
−
−
−
200
Ω
Analog Output Capacitance at Each Output Pin
−
−
−
20
pF
External Load Impedance
−
−
32
−
Ω
Volume Control Step
−
−
16
−
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com