Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 13Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 14Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
eKA8564A
USB Audio Controller
Product Specification (V0.1) 09.08.2006
• 7
(This specification is subject to change without further notice)
9
Electrical Characteristic
9.1 DC Electrical Characteristic
Ta=0
°C~70°C, VBus=5V, DGND=0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IIL
Input Leakage Current
VIN = VBus, DGND
−
−
±1
μA
VIH
Input High Voltage
−
2.0
−
−
V
VIL
Input Low Voltage
−
−
2.0
V
VIHX
Clock Input High Voltage
OSCI
2.5
−
−
V
VILX
Clock Input Low Voltage
OSCI
−
−
1.0
V
VOH1
Output High Voltage (Port 5, Port 6)
IOH = -10.0mA
2.4
−
−
V
VOH2
Output High Voltage
(I
2
S Interface Pin)
IOH = -6.67mA
2.4
−
V
VOL1
Output Low Voltage (Port 5, Port 6)
(P5 : Normal Mode)
IOL = 10.0mA
−
−
0.4
V
VOL2
Output Low Voltage
(P5 : LED driver Mode)
IOL = 10.0mA
VBus = 5 V
-10%
1.3
+10%
V
VOL3
Output Low Voltage
(I
2
S Interface Pin)
IOL = 6.67mA
−
−
0.4
V
IPH
Pull-high Current
(Port 5 and Sel_Vref pin)
Pull-high active, input pin at DGND
(PH resistor = 25 K
Ω)
-20%
-125
+20%
μA
IPL
Pull-low Current (Test pin)
Test pin at VBus
(PL resistor = 25 K
Ω)
-20%
125
+20%
μA
ISB1
Power Down Current
All input and I/O pin at VBus,
output pin floating, WDT disabled
−
−
50
μA
ISB2
Power Down Current
All input and I/O pin at VBus,
output pin floating, WDT enabled
−
−
100
μA
ICC
Operating Supply Current
Fosc= 6.0 MHz , output pin floating
−
−
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com