Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKA8564A Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EKA8564A
Description  USB Audio Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKA8564A Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EKA8564A Datasheet HTML 6Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 7Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 8Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 9Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 10Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 11Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 12Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 13Page - ELAN Microelectronics Corp EKA8564A Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
eKA8564A
USB Audio Controller
6
Product Specification (V0.1) 09.08.2006
(This specification is subject to change without further notice)
7
Function Description
The eKA8564A is a USB Audio Controller that transmits/receives audio data stream
to/from the host through its Audio Streaming interface. The Audio Data Format
supports 16-bit, 2-channel, and 48kHz, 44.1kHz, 32kHz, 8kHz PCM. It has three
interfaces. Interface 1 supports four sampling frequencies. The sampling rate is
changed by FS_SEL0 and FS_SEL1. For Interface 2, this device transmits data at a
rate that is locked to frame timing. When user uses the recording format (ex. 8kHz) to
record speech other than 48kHz stereo format, the application software will transform
48kHz data to 8kHz data. Interface 3 is HID pipe which is used to read button status.
8
Absolute Maximum Rating
Symbol
Min
Max
Unit
Temperature under bias
0
70
ºC
Storage temperature
-65
150
ºC
Input voltage
-0.5
6.0
V
Output voltage
-0.5
6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com