Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4905 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF4905 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF4905
Download  IRF4905 Download
File Size   348.01 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

IRF4905 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF4905 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF4905
Download  IRF4905 Click to download

File Size   348.01 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

IRF4905 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF4905 Product details

FEATURES
· Drain Current -ID= -74A@ TC=25℃
· Drain Source Voltage -VDSS= -55V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 0.02Ω(Max)@VGS= -10V
DESCRIPTION
· Combine with the fast switching speed and ruggedized device
design,provide the designer with an extremely efficient and
reliable device for use in a wide variety of applications.




Similar Part No. - IRF4905

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
logo
Kersemi Electronic Co.,...
IRF4905 KERSEMI-IRF4905 Datasheet
720Kb / 8P
Advanced Process Technology
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF4905 EVVOSEMI-IRF4905 Datasheet
952Kb / 9P
-60V P-Channel MOSFET
Rev:2023A2
logo
SYC Electronica
IRF4905 SYC-IRF4905 Datasheet
695Kb / 8P
MOSFET P 55V 74A 0.02 OHM
More results


Similar Description - IRF4905

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com