Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4905 Datasheet (PDF) - SYC Electronica

IRF4905 Datasheet PDF - SYC Electronica
Part # IRF4905
Download  IRF4905 Download
File Size   695.2 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description MOSFET P 55V 74A 0.02 OHM

IRF4905 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF4905 Datasheet PDF - SYC Electronica

Part # IRF4905
Download  IRF4905 Click to download

File Size   695.2 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description MOSFET P 55V 74A 0.02 OHM

IRF4905 Datasheet (HTML) - SYC Electronica




Similar Part No. - IRF4905

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
logo
Kersemi Electronic Co.,...
IRF4905 KERSEMI-IRF4905 Datasheet
720Kb / 8P
Advanced Process Technology
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF4905 EVVOSEMI-IRF4905 Datasheet
952Kb / 9P
-60V P-Channel MOSFET
Rev:2023A2
logo
Inchange Semiconductor ...
IRF4905 ISC-IRF4905 Datasheet
348Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - IRF4905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STP80PF55 STMICROELECTRONICS-STP80PF55 Datasheet
104Kb / 6P
P-CHANNEL 55V - 0.016 ohm - 80A TO-220 STripFET™ II POWER MOSFET
Feb-2002
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
12A, 55V P-CHANNEL POWER MOSFET
UF5305 UTC-UF5305 Datasheet
195Kb / 6P
-31A, -55V P-CHANNEL POWER MOSFET
UF9Z34 UTC-UF9Z34 Datasheet
183Kb / 6P
-17A, -55V P-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com