Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4905S Datasheet (PDF) - International Rectifier

IRF4905S Datasheet PDF - International Rectifier
Part # IRF4905S
Download  IRF4905S Download
File Size   163.4 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)

IRF4905S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF4905S Datasheet PDF - International Rectifier

Part # IRF4905S
Download  IRF4905S Click to download

File Size   163.4 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)

IRF4905S Datasheet (HTML) - International Rectifier


IRF4905S Product details

Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of

applications.



Advanced Process Technology

Surface Mount (IRF4905S)

Low-profile through-hole (IRF4905L)

175°C Operating Temperature

Fast Switching

P-Channel

Fully Avalanche Rated




Similar Part No. - IRF4905S

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF4905S KERSEMI-IRF4905S Datasheet
4Mb / 10P
Advanced Process Technology
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
174Kb / 11P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF4905S ISC-IRF4905S Datasheet
657Kb / 5P
isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF4905SPBF IRF-IRF4905SPBF Datasheet
357Kb / 11P
HEXFET Power MOSFET
IRF4905SPBF IRF-IRF4905SPBF_15 Datasheet
366Kb / 12P
Advanced Process Technology
More results


Similar Description - IRF4905S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com