Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1617 Datasheet (PDF) - EPCOS

B1617 Datasheet PDF - EPCOS
Part # B1617
Download  B1617 Download
File Size   50.24 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B1617 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1617 Datasheet PDF - EPCOS

Part # B1617
Download  B1617 Click to download

File Size   50.24 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B1617 Datasheet (HTML) - EPCOS


B1617 Product details

Features
■ Package size 3.0 x 3.0 x 1.1 mm3
■ Maximum height of 1.225mm
■ Package code QCC8D
■ RoHS compatible
■ Approximate weight 0.037 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low loss RF filter for satellite BTS
■ Usable passband 40.0 MHz
■ Low insertion attenuation
■ Low amplitude ripple
■ Low group delay ripple
■ Balanced to balanced operation
■ No matching network required for operation at 150 Ω




Similar Part No. - B1617

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1610 EPCOS-B1610 Datasheet
77Kb / 6P
Low-Loss Filter
B1614 EPCOS-B1614 Datasheet
72Kb / 6P
Low-Loss Filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
SAW RF low loss filter
B1618 EPCOS-B1618 Datasheet
73Kb / 6P
RF Filter For Dual Conversion
logo
Dielectric Laboratories...
B161LA0S DILABS-B161LA0S Datasheet
184Kb / 2P
16GHz Surface Mount Bandpass Filter
More results


Similar Description - B1617

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
SAW RF low loss filter
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
SAW RF low loss filter
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
SAW RF low loss filter
logo
TDK Electronics
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
SAW RF low loss filter
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
SAW RF low loss filter
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
Low Loss RF SAW Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com