Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT14 Datasheet (PDF) - STMicroelectronics

M54HCT14 Datasheet PDF - STMicroelectronics
Part # M54HCT14
Download  M54HCT14 Download
File Size   231.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

M54HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HCT14 Datasheet PDF - STMicroelectronics

Part # M54HCT14
Download  M54HCT14 Click to download

File Size   231.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

M54HCT14 Datasheet (HTML) - STMicroelectronics


M54HCT14 Product details

DESCRIPTION

The M54/74HCT14 is a high speed CMOS HEX SCHMITT INVERTER fabricated in silicon gate C2MOS technology. It has the same highspeed performance of LSTTL combined with true CMOS low power consumption. Pin configuration and function are the same as those of the HCT04 but all inputs have 0.7 V hysteresis level.This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals.



. HIGH SPEED

  tPD = 16 ns (TYP.) AT VCC = 5 V

. LOW POWER DISSIPATION

  ICC = 1 µA (MAX.) AT TA = 25°C

. HIGH NOISE IMMUNITY

  VH = 0.7 V (TYP.) AT VCC = 5 V

. OUTPUT DRIVE CAPABILITY

  10 LSTTL LOADS

. SYMMETRICAL OUTPUT IMPEDANCE

IOH = IOL = 4 mA (MIN.)

. BALANCED PROPAGATION DELAYS

  tPLH = tPHL

. PIN AND FUNCTION COMPATIBLE WITH 54/74LS14




Similar Part No. - M54HCT14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT10 STMICROELECTRONICS-M54HCT10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M54HCT10F1R STMICROELECTRONICS-M54HCT10F1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M54HCT125F1R STMICROELECTRONICS-M54HCT125F1R Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
More results


Similar Description - M54HCT14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com