Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HCT14
Description  HEX SCHMITT INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT14 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HCT14 Datasheet HTML 1Page - STMicroelectronics M54HCT14 Datasheet HTML 2Page - STMicroelectronics M54HCT14 Datasheet HTML 3Page - STMicroelectronics M54HCT14 Datasheet HTML 4Page - STMicroelectronics M54HCT14 Datasheet HTML 5Page - STMicroelectronics M54HCT14 Datasheet HTML 6Page - STMicroelectronics M54HCT14 Datasheet HTML 7Page - STMicroelectronics M54HCT14 Datasheet HTML 8Page - STMicroelectronics M54HCT14 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HCT14
M74HCT14
October 1993
HEX SCHMITT INVERTER
B1R
(Plastic Package)
ORDER CODES :
M54HCT14F1R
M74HCT14M1R
M74HCT14B1R
M74HCT14C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 16 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VH = 0.7 V (TYP.) AT VCC =5 V
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS14
The M54/74HCT14 is a high speed CMOS HEX
SCHMITT INVERTER fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption. Pin configuration and function
are the same as those of the HCT04 but all inputs
have 0.7 V hysteresis level.This together with its
schmitt trigger function allows it to be used on line
receivers with slow rise/fall input signals. This inte-
grated circuit has input and output characteristics
that are fully compatible with 54/74 LSTTL logic
families. M54/74HCT devices are designed to di-
rectly interface HSC
2MOS systems with TTL and
NMOS components. They are also plug in replace-
ments for LSTTL devices giving a reduction of
power consumption.All inputs are equipped with pro-
DESCRIPTION
1/9


Similar Part No. - M54HCT14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT10 STMICROELECTRONICS-M54HCT10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M54HCT10F1R STMICROELECTRONICS-M54HCT10F1R Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Feb-1993
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M54HCT125F1R STMICROELECTRONICS-M54HCT125F1R Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
More results

Similar Description - M54HCT14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
25-Nov-1998
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
HEX SCHMITT INVERTER
Apr-2001
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com