Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   429.19 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 415V, 230V, 110V, 24V, 15V Dual Mode Firing Circuit

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   429.19 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 415V, 230V, 110V, 24V, 15V Dual Mode Firing Circuit

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Supports phase-angle and burst-fire control for optimal power regulation.
 Soft-start (0-30s).
 Current limit (using external CT/Hall-effect device or shunt with amplification)
 Wide Signal Compatibility: Accepts 0-5V/0-10V, 0-20mA/4-20mA, or potentiometer input signals.
 DIN Rail Mount: Standard DIN rail mounting for easy installation and integration.
 Frequency tracking (4Hz – 400Hz)
 Flexible Power Supply: Operates on 24VDC or 18-24VAC supply, ensuring compatibility with different systems.
 High-resolution version available
 Durable and Compact.
APPLICATIONS:
The DMFC12 is ideal for a variety of industrial applications, including heater control, motor speed regulation, lighting control, and more.
Its dual-mode firing capability and robust design make it a preferred choice for engineers seeking reliable and efficient power management solutions.




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7077 NTE-NTE7077 Datasheet
21Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator 110V 짹0.8V, 1A
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
Exar Corporation
XR-4195 EXAR-XR-4195 Datasheet
515Kb / 3P
/- 15V DUAL - TRACKING VOLTAGE REGULATOR
logo
GOOD-ARK Electronics
SSF1109 GOOD-ARK-SSF1109_15 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
Cystech Electonics Corp...
MTN2328AN3 CYSTEKEC-MTN2328AN3 Datasheet
392Kb / 8P
110V N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
Toppower Electronic Tec...
TPE TOPPOWER-TPE Datasheet
385Kb / 3P
TPE 15V, 24V &48V Series
logo
Leshan Radio Company
LN2294LT1G LRC-LN2294LT1G Datasheet
642Kb / 5P
110V N-Channel Enhancement-Mode MOSFET
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
110V N-Channel Enhancement-Mode MOSFET VDS= 110V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com