Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX743 Datasheet (PDF) - Maxim Integrated Products

MAX743 Datasheet PDF - Maxim Integrated Products
Part # MAX743
Download  MAX743 Download
File Size   472.32 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)

MAX743 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX743 Datasheet PDF - Maxim Integrated Products

Part # MAX743
Download  MAX743 Click to download

File Size   472.32 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)

MAX743 Datasheet (HTML) - Maxim Integrated Products


MAX743 Product details

General Description
The MAX743 DC-DC converter IC contains all the active circuitry needed to build small, dual-output power supplies. Relying on simple two-terminal inductors rather than transformers, the MAX743 regulates both outputs independently to within ±4% over all conditions of line voltage, temperature, and load current.

Applications
   DC-DC Converter Module Replacement
   Distributed Power Systems
   Computer peripherals
   Portable Instruments




Similar Part No. - MAX743

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7430 MAXIM-MAX7430 Datasheet
444Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7430EUB MAXIM-MAX7430EUB Datasheet
444Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7430EUB MAXIM-MAX7430EUB Datasheet
357Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7432 MAXIM-MAX7432 Datasheet
444Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7432AEUD MAXIM-MAX7432AEUD Datasheet
357Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
More results


Similar Description - MAX743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX17681EVKIT MAXIM-MAX17681EVKIT Datasheet
770Kb / 8P
MAX17681 for Isolated -15V or -12V Output Configuration
Rev 2; 2/17
MAX17681AEVKITC MAXIM-MAX17681AEVKITC Datasheet
702Kb / 7P
MAX17681A for Isolated 15V or 12V Output Configuration
Rev 1; 6/17
MAX17681AEVKITA MAXIM-MAX17681AEVKITA Datasheet
801Kb / 8P
MAX17681A for Isolated -15V or -12V Output Configuration
Rev 0; 3/17
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
17301XX35 WURTH-17301XX35 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
17395XX36 WURTH-17395XX36 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com