Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX742 Datasheet (PDF) - Maxim Integrated Products

MAX742 Datasheet PDF - Maxim Integrated Products
Part # MAX742
Download  MAX742 Download
File Size   143.03 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output

MAX742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX742 Datasheet PDF - Maxim Integrated Products

Part # MAX742
Download  MAX742 Click to download

File Size   143.03 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output

MAX742 Datasheet (HTML) - Maxim Integrated Products


MAX742 Product details

General Description
The MAX742 DC-DC converter is a controller for dual-output power supplies in the 3W to 60W range. Relying on simple two-terminal inductors rather than transformers, the MAX742 regulates both outputs independently to within ±4% over all conditions of line voltage, temperature, and load current.

Features
♦ Specs Guaranteed for In-Circuit Performance
♦ Load Currents to ±2A
♦ 4.2V to 10V Input-Voltage Range
♦ Switches From ±15V to ±12V Under Logic Control
♦ ±4% Output Tolerance Max Over Temp, Line, and Load
♦ 90% Typ Efficiency
♦ Low-Noise, Current-Mode Feedback
♦ Cycle-by-Cycle Current Limiting
♦ Undervoltage Lockout and Soft-Start
♦ 100kHz or 200kHz Operation

Applications
   DC-DC Converter Module Replacement
   Distributed Power Systems
   Computer Peripherals




Similar Part No. - MAX742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX7420 AD-MAX7420 Datasheet
2Mb / 15P
5th-Order, Lowpass, Switched-Capacitor Filters
Rev 2
logo
Maxim Integrated Produc...
MAX7420CUA MAXIM-MAX7420CUA Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
logo
Analog Devices
MAX7420CUA AD-MAX7420CUA Datasheet
2Mb / 15P
5th-Order, Lowpass, Switched-Capacitor Filters
Rev 2
logo
Maxim Integrated Produc...
MAX7420CUA+ MAXIM-MAX7420CUA+ Datasheet
622Kb / 5P
MAXFILTERBRD
Rev 0; 8/09
MAX7420CUA+ MAXIM-MAX7420CUA+ Datasheet
718Kb / 5P
CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
More results


Similar Description - MAX742

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
3.3V 5V 짹12V Housekeeping IC
Jul-2004
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
Maxim Integrated Produc...
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com