Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8215 Datasheet (PDF) - Maxim Integrated Products

MAX8215 Datasheet PDF - Maxim Integrated Products
Part # MAX8215
Download  MAX8215 Download
File Size   156.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors

MAX8215 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8215 Datasheet PDF - Maxim Integrated Products

Part # MAX8215
Download  MAX8215 Click to download

File Size   156.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors

MAX8215 Datasheet (HTML) - Maxim Integrated Products


MAX8215 Product details

General Description
The MAX8215 contains five voltage comparators; four are for monitoring +5V, -5V, +12V, and -12V, and the fifth monitors any desired voltage. The MAX8216 is identical, except it monitors ±15V supplies instead of ±12V. The resistors required to monitor these voltages and provide comparator hysteresis are included onchip. All comparators have open-drain outputs. These devices consume 250µA max supply current over temperature.

Features
♦ 4 Dedicated Comparators plus 1 Auxiliary Comparator
♦ 5V Dedicated Comparator Has ±1.25% Accuracy
♦ -5V, +12V, -12V, +15V, -15V Dedicated Comparators Have ±1.5% Accuracy
♦ Overvoltage/Undervoltage Detection or Programmable Delay Using Auxiliary Comparator
♦ Internal 1.24V Reference with ±1% Initial Accuracy
♦ Wide Supply Range: 2.7V to 11V
♦ Built-In Hysteresis
♦ 250µA Max Supply Current Over Temp.
♦ Independent Open-Drain Outputs
♦ All Precision Components Included

Applications
    Microprocessor Voltage Monitor
        +5V, -5V, +12V, -12V Supply Monitoring (MAX8215)
        +5V, -5V, +15V, -15V Supply Monitoring (MAX8216)
    Overvoltage/Undervoltage Detection with Uncommitted Comparator
    Industrial Controllers
    Mobile Radios
    Portable Instruments
    Industrial Equipment
    Data-Acquisition Systems




Similar Part No. - MAX8215

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215C/D MAXIM-MAX8215C/D Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215CPD MAXIM-MAX8215CPD Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215CSD MAXIM-MAX8215CSD Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215EJD MAXIM-MAX8215EJD Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215EPD MAXIM-MAX8215EPD Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
More results


Similar Description - MAX8215

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
Analog Devices
ADG1408 AD-ADG1408 Datasheet
919Kb / 16P
5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com