Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1408 Datasheet (PDF) - Analog Devices

ADG1408 Datasheet PDF - Analog Devices
Part # ADG1408
Download  ADG1408 Download
File Size   919.74 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers

ADG1408 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1408 Datasheet PDF - Analog Devices

Part # ADG1408
Download  ADG1408 Click to download

File Size   919.74 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers

ADG1408 Datasheet (HTML) - Analog Devices


ADG1408 Product details

GENERAL DESCRIPTION
The ADG1408 and ADG1409 are monolithic CMOS analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG1408 switches one of eight inputs to a common output as determined by the 3-bit binary address lines A0, A1, and A2. The ADG1409 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched OFF.
   
FEATURES
    5Ω Max On Resistance
    0.5Ω Max On Resistance Flatness
    33 V Supply Maximum Ratings
    Fully specified at ±15V/12V/±5V
    3V Logic Compatible Inputs
    Rail-to-Rail Operation
    Break-Before-Make Switching Action
    16-Lead TSSOP Packages
    Typical Power Consumption (< 0.03 µW)
   
APPLICATIONS
    Relay Replacement
    Audio and Video Routing
    Automatic Test Equipment
    Data Acquisition Systems
    Battery-Powered Systems
    Sample-and-Hold Systems
    Communication Systems
   




Similar Part No. - ADG1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408LYCPZ-REEL7 AD-ADG1408LYCPZ-REEL7 Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
Multi-Cal-System Evaluation Module
logo
Analog Devices
ADG1408YRUZ AD-ADG1408YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
More results


Similar Description - ADG1408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com