Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1408-EP Datasheet (PDF) - Analog Devices

ADG1408-EP Datasheet PDF - Analog Devices
Part # ADG1408-EP
Download  ADG1408-EP Download
File Size   399.43 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Ω RON, 4-/8-Channel ±15 V/12 V/±5 V iCMOS Multiplexers

ADG1408-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1408-EP Datasheet PDF - Analog Devices

Part # ADG1408-EP
Download  ADG1408-EP Click to download

File Size   399.43 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Ω RON, 4-/8-Channel ±15 V/12 V/±5 V iCMOS Multiplexers

ADG1408-EP Datasheet (HTML) - Analog Devices


ADG1408-EP Product details

FEATURES
4.7 Ω maximum on resistance @ 25°C 0.5 Ω on resistance flatness Up to 190 mA continuous current
Fully specified at ±15 V/+12 V/±5 V 3 V logic-compatible inputs Rail-to-rail operation
Break-before-make switching action
16-lead

TSSOP ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications
(AQEC standard)
Military temperature range: −55°C to +125°C Controlled manufacturing baseline One assembly and test site One fabrication site Enhanced product change notification Qualification data available on request




Similar Part No. - ADG1408-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1408 AD-ADG1408 Datasheet
919Kb / 16P
5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408LYCPZ-REEL7 AD-ADG1408LYCPZ-REEL7 Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
Multi-Cal-System Evaluation Module
More results


Similar Description - ADG1408-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
10/06-Revision 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
254Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com