Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG1408 Datasheet (PDF) - Vishay Siliconix

DG1408 Datasheet PDF - Vishay Siliconix
Part # DG1408
Download  DG1408 Download
File Size   254.35 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers

DG1408 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG1408 Datasheet PDF - Vishay Siliconix

Part # DG1408
Download  DG1408 Click to download

File Size   254.35 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers

DG1408 Datasheet (HTML) - Vishay Siliconix


DG1408 Product details

DESCRIPTION
The DG1408 is a precision analog multiplexer comprising eight single-ended channels. The DG1409 is a dual four single-ended channels analog multiplexer. Built on a new CMOS process, the Vishay Siliconix DG1408 and DG1409 offer low on-resistance of 3.2 Ω. The low and flat resistance over the full signal range provides excellent linearity and low signal distortion. The new CMOS platform also ensures ultra low power dissipation, minimized parasitic capacitance, and low charge injection.

FEATURES
• 35 V supply max. rating
• 3.2 Ω typical and 4.7 Ω max. on-resistance at 25 °C
• 0.5 Ω on-resistance flatness
• Channel to channel on-resistance match: 0.2 Ω
• Up to 250 mA continuous current
• Supports single and dual supply operation
• Fully specified at ± 15 V, +12 V, and ± 5 V
• Integrated VL supply
• Low voltage logic compatible inputs, VIH = 2 V, VIL = 0.8 V
• BBM (break-before-make switching)
• Low parasitic capacitance:
   DG1408, CS(off) = 14 pF, CD(on) = 123 pF
   DG1409, CS(off) = 14 pF, CD(on) = 81 pF
• Rail to rail signal handling
• QFN16, 4 mm × 4 mm packages

BENEFITS
• Low insertion loss
• Low distortion
• Low power consumption
• Compact solution
• Low charge injection over the full signal range

APPLICATIONS
• Medical and healthcare equipment
• Data acquisition system
• Industrial control and automation
• Test and measurement equipment
• Communication systems
• Battery powered systems
• Sample and hold circuits
• Audio and video signal switching
• Relay replacement




Similar Part No. - DG1408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
263Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
DG1408E VISHAY-DG1408E Datasheet
431Kb / 14P
3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
06-Feb-17
DG1408EEN-T1-GE4 VISHAY-DG1408EEN-T1-GE4 Datasheet
431Kb / 14P
3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
06-Feb-17
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
More results


Similar Description - DG1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
7/06-Revision 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Vishay Siliconix
DG9409E VISHAY-DG9409E_V01 Datasheet
327Kb / 15P
3.2 Ω, Fast Switching Speed, 12 V / 5 V / 3 V / ± 5 V, 4- / 8-Channel Analog Multiplexers
25-Jul-16
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
22-Sep-14
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com