Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8211 Datasheet (PDF) - Maxim Integrated Products

MAX8211 Datasheet PDF - Maxim Integrated Products
Part # MAX8211
Download  MAX8211 Download
File Size   67.39 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Voltage Monitors with Programmable Voltage Detection

MAX8211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8211 Datasheet PDF - Maxim Integrated Products

Part # MAX8211
Download  MAX8211 Click to download

File Size   67.39 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Voltage Monitors with Programmable Voltage Detection

MAX8211 Datasheet (HTML) - Maxim Integrated Products


MAX8211 Product details

General Description

Maxim’s MAX8211 and MAX8212 are CMOS micropower voltage detectors that warn microprocessors (µPs) of power failures. Each contains a comparator, a 1.5V bandgap reference, and an open-drain n-channel output driver. Two external resistors are used in conjunction with the internal reference to set the trip voltage to the desired level. A hysteresis output is also included, allowing the user to apply positive feedback for noise-free output switching.



Features

♦ µP Power-Fail Warning

♦ Improved 2nd Source for ICL8211/ICL8212

♦ Low-Power CMOS Design

♦ 5µA Quiescent Current

♦ On-Board Hysteresis Output

♦ ±40mV Threshold Accuracy (±3.5%)

♦ 2.0V to 16.5V Supply-Voltage Range

♦ Define Output Current Limit (MAX8211)

♦ High Output Current Capability (MAX8212)



Applications

  µP Voltage Monitoring

  Undervoltage Detection

  Overvoltage Detection

  Battery-Backup Switching

  Power-Supply Fault Monitoring

  Low-Battery Detection



 




Similar Part No. - MAX8211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8211CPA MAXIM-MAX8211CPA Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211CSA MAXIM-MAX8211CSA Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211CTY MAXIM-MAX8211CTY Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211CUA MAXIM-MAX8211CUA Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211EJA MAXIM-MAX8211EJA Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
More results


Similar Description - MAX8211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
Microprocessor Voltage Monitors with Manual Reset
logo
Shenzhen Huazhimei Semi...
HM6101 HMSEMI-HM6101 Datasheet
449Kb / 5P
programmable voltage detection chip
logo
TECH PUBLIC Electronics...
TPAX809 TECHPUBLIC-TPAX809 Datasheet
4Mb / 7P
Microprocessor voltage detection reset chip
MAX809 TECHPUBLIC-MAX809 Datasheet
3Mb / 7P
Microprocessor Voltage Detection Reset Chip
MAX809 TECHPUBLIC-MAX809_V01 Datasheet
3Mb / 7P
Microprocessor Voltage Detection Reset Chip
logo
Guangdong Youtai Semico...
MAX809 UMW-MAX809 Datasheet
1Mb / 8P
Microprocessor voltage detection reset chip
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com