Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S203-D32 Datasheet (PDF) - ABB

S203-D32 Datasheet PDF - ABB
Part # S203-D32
Download  S203-D32 Download
File Size   69.55 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 3P - D - 32 A

S203-D32 Datasheet (PDF)

Go To PDF Page Download Datasheet
S203-D32 Datasheet PDF - ABB

Part # S203-D32
Download  S203-D32 Click to download

File Size   69.55 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 - 3P - D - 32 A

S203-D32 Datasheet (HTML) - ABB


S203-D32 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
S203-D32
2CDS253001R0321
4016779530958
Miniature Circuit Breaker - S200 - 3P - D - 32 A
System pro M compact S200 miniature circuit breakers are current limiting. They have two
different tripping mechanisms, the delayed thermal tripping mechanism for overload
protection and the electromechanic tripping mechanism for short circuit protection. They are
available in different characteristics (B,C,D,K,Z), configurations (1P,1P+N,2P,3P,3P+N,4P),
breaking capacities (up to 6 kA at 230/400 V AC) and rated currents (up to 63A). All MCBs
of the product range S200 comply with IEC/EN 60898-1, IEC/EN 60947-2, UL1077 and CSA
22.2 No. 235, allowing the use for residential, commercial and industrial applications.
Bottom-fitting auxiliary contact can be mounted on S200 to save 50% space.




Similar Part No. - S203-D32

ManufacturerPart #DatasheetDescription
logo
ABB
S203-D10 ABB-S203-D10 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 3P - D - 10 A
S203-D16 ABB-S203-D16 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 3P - D - 16 A
S203-D20 ABB-S203-D20 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 3P - D - 20 A
S203-D25 ABB-S203-D25 Datasheet
69Kb / 3P
Miniature Circuit Breaker - S200 - 3P - D - 25 A
S203-D4 ABB-S203-D4 Datasheet
116Kb / 5P
Miniature Circuit Breaker - S200 - 3P - D - 4 ampere
More results


Similar Description - S203-D32

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU320 SCHNEIDER-QOU320 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
Feb 21, 2020
QOU345 SCHNEIDER-QOU345 Datasheet
117Kb / 2P
QOU Miniature Circuit Breaker, 45A, 3P, 240V, 10kA
Feb 21, 2020
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ320 SCHNEIDER-QOUQ320 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
QOUR330 SCHNEIDER-QOUR330 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 30A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ335 SCHNEIDER-QOUQ335 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
QOUQ345 SCHNEIDER-QOUQ345 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 45A, 3P, 240V, 10kA
QOUQ360 SCHNEIDER-QOUQ360 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
QOU325VH SCHNEIDER-QOU325VH Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 22kA
Mar 2, 2020
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com