Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28022 Datasheet (PDF) - Renesas Technology Corp

ISL28022 Datasheet PDF - Renesas Technology Corp
Part # ISL28022
Download  ISL28022 Download
File Size   1864.31 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Digital Power Monitor

ISL28022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28022 Datasheet PDF - Renesas Technology Corp

Part # ISL28022
Download  ISL28022 Click to download

File Size   1864.31 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Digital Power Monitor

ISL28022 Datasheet (HTML) - Renesas Technology Corp


ISL28022 Product details

• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
• 16-bit ΣΔADC monitors current and voltage
• Voltage measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Current measuring error . . . . . . . . . . . . . . . . . . . . . . . . . <0.3%
• Handles negative system voltage
• Overvoltage/undervoltage and current fault monitoring
• I2C/SMBus interface
• Wide VCC range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
• ESD (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8kV
• Supports high speed I2C . . . . . . . . . . . . . . . . . . . . . . . 3.4MHz




Similar Part No. - ISL28022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
ISL28022EV1Z INTERSIL-ISL28022EV1Z Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022EV1Z RENESAS-ISL28022EV1Z Datasheet
1Mb / 32P
Precision Digital Power Monitor
More results


Similar Description - ISL28022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
June 17, 2015
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
Precision Digital Power Monitor with Margining
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com