Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28025 Datasheet (PDF) - Intersil Corporation

ISL28025 Datasheet PDF - Intersil Corporation
Part # ISL28025
Download  ISL28025 Download
File Size   1723.58 Kbytes
Page   47 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Digital Power Monitor with Real Time Alerts

ISL28025 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28025 Datasheet PDF - Intersil Corporation

Part # ISL28025
Download  ISL28025 Click to download

File Size   1723.58 Kbytes
Page   47 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Digital Power Monitor with Real Time Alerts

ISL28025 Datasheet (HTML) - Intersil Corporation


ISL28025 Product details

The ISL28025 is a bidirectional high-side and low-side digital
current sense and voltage monitor with a serial interface. The
device monitors power supply current and voltage and
provides the digital results along with calculated power. The
ISL28025 provides tight accuracy of less than 0.1% for both
voltage and current monitoring.
The VCC power can either be externally supplied or internally
regulated, which allows the ISL28025 to handle a
common-mode input voltage range from 0V to 60V. The wide
range permits the device to handle telecom, automotive and
industrial applications with minimal external circuitry.
Fault indication includes Bus Voltage window and overcurrent
fast fault logic indication. The ISL28025 includes an integrated
temperature sensor for monitoring.
The ISL28025 serial interface is PMBus compatible and
operates down to 1.2V voltage. It draws an average current of
just 1.3mA and is available in the space saving 16 ball WLCSP
package. The parts operate across the full industrial
temperature range from -40°C to +125°C.

Features
• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
• Voltage gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• Current gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• High or low (RTN) side sensing
• Bidirectional current sensing
• Auxiliary low voltage input channel
• ∆∑ADC, 16-bit native resolution
• Programmable averaging modes
• Internal 3.3V regulator
• Internal temperature sense
• Over/undervoltage and current fault monitoring with 500ns
detection delay
• I2C/SMBus/PMBus interface that handles 1.2V supply
• 55 I2C slave addresses

Applications
• Data processing servers
• DC power distribution
• Telecom equipment
• Portable communication equipment
• DC/DC, AC/DC converters
• Automotive power
• Many I2C ADC with alert applications




Similar Part No. - ISL28025

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
ISL28025 RENESAS-ISL28025 Datasheet
3Mb / 52P
Precision Digital Power Monitor with Real Time Alerts
Rev.6.03 Dec 1, 2022
ISL28025EVAL1Z RENESAS-ISL28025EVAL1Z Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
ISL28025EVAL1Z RENESAS-ISL28025EVAL1Z Datasheet
3Mb / 52P
Precision Digital Power Monitor with Real Time Alerts
Rev.6.03 Dec 1, 2022
ISL28025EVKIT1Z RENESAS-ISL28025EVKIT1Z Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
More results


Similar Description - ISL28025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
Precision Digital Power Monitor with Margining
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com