Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2762 Datasheet (PDF) - Maxim Integrated Products

DS2762 Datasheet PDF - Maxim Integrated Products
Part # DS2762
Download  DS2762 Download
File Size   262.37 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor With Alerts

DS2762 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2762 Datasheet PDF - Maxim Integrated Products

Part # DS2762
Download  DS2762 Click to download

File Size   262.37 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Li Battery Monitor With Alerts

DS2762 Datasheet (HTML) - Maxim Integrated Products


DS2762 Product details

GENERAL DESCRIPTION

The DS2762 high-precision Li+ battery monitor is a data-acquisition, information-storage, and safety protection device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature, voltage, and current measurement, nonvolatile (NV) data storage, and Li+ protection into the small footprint of either a TSSOP package or flip-chip package. The DS2762 is a key component in applications including remaining capacity estimation, safety monitoring, and battery specific data storage.



FEATURES

Li+ Safety Circuit

  Overvoltage Protection

  Overcurrent/Short-Circuit Protection

  Undervoltage Protection

Host Alerted When Accumulated Current or Temperature Exceeds User-Selectable Limits

0V Battery Recovery Charge

Available in Two Configurations:

  Internal 25mSense Resistor

  External User-Selectable Sense Resistor

Current Measurement

  12-Bit Bidirectional Measurement

  Internal Sense Resistor Configuration: 0.625mA LSB and ±1.9A Dynamic Range

  External Sense Resistor Configuration: 15.625V LSB and ±64mV Dynamic Range

Current Accumulation:

  Internal Sense Resistor: 0.25mAhr LSB

  External Sense Resistor: 6.25Vhr LSB

Voltage Measurement with 4.88mV Resolution

Temperature Measurement Using Integrated Sensor with 0.125°C Resolution

System Power Management and Control Feature Support

32 Bytes of Lockable EEPROM

16 Bytes of General-Purpose SRAM

Dallas 1-Wire® Interface with Unique 64-Bit Device Address

Low-Power Consumption:

  Active Current: 60A typ, 90A max

  Sleep Current: 1A typ, 2A max



APPLICATIONS

PDAs

Cell Phones/Smartphones

Digital Cameras




Similar Part No. - DS2762

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
Low Power Transceiver Chip
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results


Similar Description - DS2762

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
011005
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com