Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2760 Datasheet (PDF) - Dallas Semiconductor

DS2760 Datasheet PDF - Dallas Semiconductor
Part # DS2760
Download  DS2760 Download
File Size   126.19 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High Precision Li-Ion Battery Monitor

DS2760 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2760 Datasheet PDF - Dallas Semiconductor

Part # DS2760
Download  DS2760 Click to download

File Size   126.19 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description High Precision Li-Ion Battery Monitor

DS2760 Datasheet (HTML) - Dallas Semiconductor


DS2760 Product details

DESCRIPTION
The DS2760 High Precision Li-Ion Battery Monitor is a data acquisition, information storage, and safety protection device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature, voltage, and current measurement, nonvolatile data storage, and Li-Ion protection into the small footprint of either a TSSOP package or flip-chip. The DS2760 is a key component in applications including remaining capacity estimation, safety monitoring, and battery-specific data storage.

FEATURES
■ Li-Ion safety circuit
    - Overvoltage protection
    - Overcurrent/short circuit protection
    - Undervoltage protection
■ Available in two configurations:
    - Internal 25 mΩ sense resistor
    - External user-selectable sense resistor
■ Current measurement
    - 12-bit bi-directional measurement
    - Internal sense resistor configuration: 0.625 mA LSB and ±1.8A dynamic range
    - External sense resistor configuration: 15.625 µV LSB and ±64 mV dynamic range
■ Current accumulation
    - Internal sense resistor: 0.25 mAhr LSB
    - External sense resistor: 6.25 µVhr LSB
■ Voltage measurement with 4.88 mV resolution
■ Temperature measurement using integrated sensor with 0.125°C resolution
■ System power management and control feature support
■ 32 bytes of lockable EEPROM
■ 16 bytes of general purpose SRAM
■ Dallas 1-Wire® interface with unique 64-bit device address
■ Low power consumption:
    - Active current: 80 µA max
    - Sleep current: 2 µA max




Similar Part No. - DS2760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE+ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE+ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results


Similar Description - DS2760

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
Battery Condition Monitor for Li-Ion batteries
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com