Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS276 Datasheet (PDF) - Dallas Semiconductor

DS276 Datasheet PDF - Dallas Semiconductor
Part # DS276
Download  DS276 Download
File Size   132.45 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Low Power Transceiver Chip

DS276 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS276 Datasheet PDF - Dallas Semiconductor

Part # DS276
Download  DS276 Click to download

File Size   132.45 Kbytes
Page   11 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Low Power Transceiver Chip

DS276 Datasheet (HTML) - Dallas Semiconductor


DS276 Product details

DESCRIPTION

The DS276 Line-Powered RS-232 Transceiver Chip is a CMOS device that provides a low-cost, very low-power interface to RS-232 serial ports. The receiver input translates RS-232 signal levels to common CMOS/TTL levels. The transmitter can be used with independently supplied positive and negative supplies, but in most cases will be used with the positive supply, sharing the logic supply and the negative supply stolen from the receive RS-232 signal when that signal is in a negative state (marking).



FEATURES

Low-power serial transmitter/receiver for battery-backed systems

Transmitter steals power from receive signal line to save power

Single 3V or 5V operation

Full duplex operation up to 20k bps

Ultra-low static current

Compatible with RS-232-E signals




Similar Part No. - DS276

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE+ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results


Similar Description - DS276

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
ON Semiconductor
AMIS-52150 ONSEMI-AMIS-52150 Datasheet
792Kb / 21P
Low-power Transceiver
July, 2013 ??Rev. 8
logo
New Japan Radio
NSNJ2007 NJRC-NSNJ2007 Datasheet
253Kb / 4P
Low Power Transceiver
logo
List of Unclassifed Man...
PL1167 ETC1-PL1167 Datasheet
569Kb / 10P
Low Power High performance Single Chip 2.4GHz Transceiver
logo
Toshiba Semiconductor
TC32306FTG TOSHIBA-TC32306FTG Datasheet
1Mb / 102P
Single-Chip RF Transceiver for Low-Power Systems
2015-10-01
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com