Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet (PDF) - Renesas Technology Corp

FN8389 Datasheet PDF - Renesas Technology Corp
Part # FN8389
Download  FN8389 Download
File Size   3808.21 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Digital Power Monitor with Margining

FN8389 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN8389 Datasheet PDF - Renesas Technology Corp

Part # FN8389
Download  FN8389 Click to download

File Size   3808.21 Kbytes
Page   56 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Digital Power Monitor with Margining

FN8389 Datasheet (HTML) - Renesas Technology Corp


FN8389 Product details

• Bus voltage sense range . . . . . . . . . . . . . . . . . . . . . . 0V to 60V
• Voltage gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• Current gain error. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05%
• Internal temperature sensor accuracy . . . . . . . . . . . . +1.0°C
• High or low (RTN) side sensing
• Bidirectional current sensing
• Auxiliary low voltage channel
• ΔΣADC, 16-bit native resolution
• Programmable averaging modes
• Internal 3.3V regulator
• Internal temperature sense
• Overvoltage/undervoltage and current fault monitoring with
500ns detection delay
• 8-bit voltage output DAC
• I2C/SMBus/PMBus interface that handles 1.2V supply




Similar Part No. - FN8389

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
FN8-9 HOFFMANPRODUCTS-FN8-9  Datasheet
4Mb / 38P
Non-Insulated Ring Terminals
FN8-S5 HOFFMANPRODUCTS-FN8-S5  Datasheet
4Mb / 38P
Non-Insulated Ring Terminals
logo
Sanken electric
FN812 SANKEN-FN812 Datasheet
22Kb / 1P
Power Transistor
logo
Renesas Technology Corp
FN8724 RENESAS-FN8724 Datasheet
3Mb / 34P
High Efficiency Single Inductor Positive/Negative Power Supply
Rev.2.01 Dec 7, 2021
FN8771 RENESAS-FN8771 Datasheet
169Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger with SMBus Interface
Jul.18.19
More results


Similar Description - FN8389

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
Dual I2C Power Supply Monitor and Margining Controller
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
June 17, 2015
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
Precision Digital Power Monitor with Real Time Alerts
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
Precision Digital Power Monitor with Margining
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com