Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANOM1059 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANOM1059 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANOM1059
Download  LCANOM1059 Download
File Size   398.41 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 RP SMA Male Connectors

LCANOM1059 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANOM1059 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANOM1059
Download  LCANOM1059 Click to download

File Size   398.41 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 RP SMA Male Connectors

LCANOM1059 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANOM1059 Product details

Features
• Reverse Polarity SMA (RP-SMA) Male Connector
• 4 x Vertical Polarization
• 4x4 MIMO Functionality
• Outdoor Rated Omnidirectional Antenna
• 2.4 GHz, 5 GHz, 6 GHz Wi-Fi Bands
• 6 dBi gain

Applications
• Infotainment systems, Routers, Wi-Fi hotspots, HD video transmission, Gateways, Dash cameras, Public transportation
• Connected cars or self-driving cars, Fleet management, Logistics
• Public Safety Networks
• Zigbee, Bluetooth, Wi-Fi




Similar Part No. - LCANOM1059

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1050 L-COM-LCANOM1050 Datasheet
486Kb / 5P
134 to 174 MHz, 4.5 dBi Collinear Omnidirectional Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR
5/5/2022
LCANOM1051 L-COM-LCANOM1051 Datasheet
366Kb / 3P
423 to 443 MHz, 8 dBi Collinear Omnidirectional Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR
5/5/2022
LCANOM1055 L-COM-LCANOM1055 Datasheet
376Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, NMO Connector White
12/12/2022
LCANOM1056 L-COM-LCANOM1056 Datasheet
379Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, NMO Connector Black
12/12/2022
LCANOM1057 L-COM-LCANOM1057 Datasheet
400Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, N Female Connector White
12/12/2022
More results


Similar Description - LCANOM1059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
2108305-1 TEC-2108305-1 Datasheet
555Kb / 2P
2400-2500&5150-5875MHz Dual Band Antenna
2195630-1 TEC-2195630-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com