Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANOM1068 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANOM1068 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANOM1068
Download  LCANOM1068 Download
File Size   324.02 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 27 MHz Omni Antenna 2 dBi Gain, Magnetic Mount UHF Male Connector, Stainless Steel

LCANOM1068 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANOM1068 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANOM1068
Download  LCANOM1068 Click to download

File Size   324.02 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 27 MHz Omni Antenna 2 dBi Gain, Magnetic Mount UHF Male Connector, Stainless Steel

LCANOM1068 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANOM1068 Product details

Features
• Vertically Polarized
• 2 dBi Gain
• Magnetic Mount
• UHF Male Connector
• 13ft RG58 Cable
• Stainless Steel
• 1.5:1 VSWR Max
• 50 Watt Max Input Power

Applications
• Offroad/Overland Vehicles
• Mining/Industrial Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment




Similar Part No. - LCANOM1068

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1060 L-COM-LCANOM1060 Datasheet
419Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Male Connectors
12/21/2022
LCANOM1061 L-COM-LCANOM1061 Datasheet
400Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Female Connectors
12/21/2022
LCANOM1062 L-COM-LCANOM1062 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 RP SMA Male Connectors
12/09/2022
LCANOM1063 L-COM-LCANOM1063 Datasheet
438Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Male Connectors
12/21/2022
LCANOM1064 L-COM-LCANOM1064 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Female Connectors
12/21/2022
More results


Similar Description - LCANOM1068

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
Vertical Omni Antenna 3500 MHz, 11 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
Vertical Omni Antenna 5500 MHz, 12.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51045 PASTERNACK-PE51045 Datasheet
81Kb / 1P
Vertical Omni Antenna 5800 MHz, 21 dBi
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com