Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2514I Datasheet (PDF) - SMSC Corporation

USB2514I Datasheet PDF - SMSC Corporation
Part # USB2514I
Download  USB2514I Download
File Size   1011.99 Kbytes
Page   49 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller

USB2514I Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2514I Datasheet PDF - SMSC Corporation

Part # USB2514I
Download  USB2514I Click to download

File Size   1011.99 Kbytes
Page   49 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller

USB2514I Datasheet (HTML) - SMSC Corporation


USB2514I Product details

General Description
The SMSC 4-Port Hub is low power, OEM configurable, MTT (multi transaction translator) hub controller IC with 4 downstream ports for embedded USB solutions. The 4-port hub is fully compliant with the USB 2.0 Specification and will attach to an upstream port as a Full-Speed Hub or as a Full-/High-Speed Hub. The 4- Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled downstream ports.

General Features
◾ Hub Controller IC with 4 downstream ports
◾ High-performance multiple transaction translator MultiTRAK™ Technology Provides one transaction translator per port
◾ Enhanced OEM configuration options available through either a single serial i2C EEPROM, or SMBus Slave Port
◾ 36-pin (6x6mm) and 48-Pin (7x7mm) QFN lead-free, RoHS compliant packages
◾ Footprint compatible with USB2513i and USB2512i (36-pin QFN) to provide designers with flexibility regarding the quantity of USB expansion ports utilized without redesign
◾ Supports industrial temperature range of -40ºC to 85ºC

Hardware Features
◾ Low power operation
◾ Full Power Management with individual or ganged power control of each downstream port
◾ On-chip Power On Reset (POR)
◾ Internal 1.8V Voltage Regulator
◾ Fully integrated USB termination and Pull-up/Pulldown resistors
◾ On Board 24MHz Crystal Driver, Resonator or External 24/48MHz clock input
◾ USB host/device speed indicator. Per-port 3-color LED drivers that indicate the speed of USB host and device connection - hi-speed (480 Mbps), full-speed (12 Mbps), low-speed (1.5 Mbps) (48-pin QFN)
◾ Enhanced EMI rejection and ESD protection performance

OEM Selectable Features
◾ Customize Vendor ID, Product ID, and Device ID
◾ Select whether the hub is part of a compound device (When any downstream port is permanently hardwired to a USB peripheral device, the hub is part of a compound device)
◾ Flexible port mapping and disable sequence. Ports can be disabled/reordered in any order to support multiple product SKUs. Hub will automatically reorder the remaining ports to match the Host controllers numbering scheme
◾ Programmable USB differential-pair pin location
◾ Ease PCB layout by aligning USB signal lines directly to connectors
◾ Programmable USB signal drive strength. Recover USB signal integrity due to compromised system environment using 4-level driving strength resolution
◾ Select the presence of a permanently hardwired USB peripheral device on a port by port basis
◾ Configure the delay time for filtering the over-current sense inputs
◾ Configure the delay time for turning on downstream port power
◾ Configure the polarity of downstream port power control signals
◾ Indicate the maximum current that the 4-port hub consumes from the USB upstream port
◾ Indicate the maximum current required for the hub controller
◾ Supports Custom String Descriptor up to 31 characters in length for:
   – Product String
   – Manufacturer String
   – Serial Number String
◾ Pin Selectable Options for Default Configuration
   — Select Downstream Ports as Non-Removable Ports
   — Select Downstream Ports as Disabled Ports
   — Select Downstream Port Power Control and OverCurrent Detection on a Ganged or Individual Basis
   — Select Downstream Port Power Control Polarity
   — Select USB Signal Drive Strength
   — Select USB Differential Pair Pin location
   — Select on-chip or off-chip voltage regulator mode

Applications
◾ LCD monitors and TVs
◾ Multi-function USB peripherals
◾ PC mother boards
◾ Set-top boxes, DVD players, DVR/PVR
◾ Printers and scanners
◾ PC media drive bay
◾ Portable hub boxes
◾ Mobile PC docking
◾ Embedded systems




Similar Part No. - USB2514I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2514I MICROCHIP-USB2514I Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2514I MICROCHIP-USB2514I Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2514I MICROCHIP-USB2514I Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2514I MICROCHIP-USB2514I Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
logo
SMSC Corporation
USB2514i-AEZG SMSC-USB2514i-AEZG Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
More results


Similar Description - USB2514I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2512I SMSC-USB2512I Datasheet
848Kb / 37P
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2513I SMSC-USB2513I Datasheet
999Kb / 48P
Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE1.1 ETC2-FE1.1 Datasheet
205Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com