Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2514I Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2514I
Description  Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514I Datasheet(HTML) 1 Page - SMSC Corporation

  USB2514I Datasheet HTML 1Page - SMSC Corporation USB2514I Datasheet HTML 2Page - SMSC Corporation USB2514I Datasheet HTML 3Page - SMSC Corporation USB2514I Datasheet HTML 4Page - SMSC Corporation USB2514I Datasheet HTML 5Page - SMSC Corporation USB2514I Datasheet HTML 6Page - SMSC Corporation USB2514I Datasheet HTML 7Page - SMSC Corporation USB2514I Datasheet HTML 8Page - SMSC Corporation USB2514I Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
SMSC USB2514i
DATASHEET
Revision 1.98 (11-19-07)
Datasheet
PRODUCT FEATURES
USB2514i
Industrial Temperature
Rated USB 2.0 High-Speed
4-Port Hub Controller
General Description
The SMSC 4-Port Hub is low power, OEM configurable,
MTT (multi transaction translator) hub controller IC with
4 downstream ports for embedded USB solutions. The
4-port hub is fully compliant with the USB 2.0
Specification and will attach to an upstream port as a
Full-Speed Hub or as a Full-/High-Speed Hub. The 4-
Port Hub supports Low-Speed, Full-Speed, and High-
Speed (if operating as a High-Speed Hub) downstream
devices on all of the enabled downstream ports.
General Features
Hub Controller IC with 4 downstream ports
High-performance multiple transaction translator
MultiTRAK™ Technology Provides one transaction
translator per port
Enhanced OEM configuration options available
through either a single serial i2C EEPROM, or
SMBus Slave Port
36-pin (6x6mm) and 48-Pin (7x7mm) QFN lead-free,
RoHS compliant packages
Footprint compatible with USB2513i and USB2512i
(36-pin QFN) to provide designers with flexibility
regarding the quantity of USB expansion ports
utilized without redesign
Supports industrial temperature range of -40ºC to
85ºC
Hardware Features
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
On-chip Power On Reset (POR)
Internal 1.8V Voltage Regulator
Fully integrated USB termination and Pull-up/Pull-
down resistors
On Board 24MHz Crystal Driver, Resonator or
External 24/48MHz clock input
USB host/device speed indicator. Per-port 3-color
LED drivers that indicate the speed of USB host and
device connection - hi-speed (480 Mbps), full-speed
(12 Mbps), low-speed (1.5 Mbps) (48-pin QFN)
Enhanced EMI rejection and ESD protection
performance
OEM Selectable Features
Customize Vendor ID, Product ID, and Device ID
Select whether the hub is part of a compound device
(When any downstream port is permanently
hardwired to a USB peripheral device, the hub is part
of a compound device)
Flexible port mapping and disable sequence. Ports
can be disabled/reordered in any order to support
multiple product SKUs. Hub will automatically reorder
the remaining ports to match the Host controller's
numbering scheme
Programmable USB differential-pair pin location
Ease PCB layout by aligning USB signal lines directly
to connectors
Programmable USB signal drive strength. Recover
USB signal integrity due to compromised system
environment using 4-level driving strength resolution
Select the presence of a permanently hardwired USB
peripheral device on a port by port basis
Configure the delay time for filtering the over-current
sense inputs
Configure the delay time for turning on downstream
port power
Configure the polarity of downstream port power
control signals
Indicate the maximum current that the 4-port hub
consumes from the USB upstream port
Indicate the maximum current required for the hub
controller
Supports Custom String Descriptor up to 31
characters in length for:
–
Product String
–
Manufacturer String
–
Serial Number String
Pin Selectable Options for Default Configuration
—
Select Downstream Ports as Non-Removable Ports
—
Select Downstream Ports as Disabled Ports
—
Select Downstream Port Power Control and Over-
Current Detection on a Ganged or Individual Basis
—
Select Downstream Port Power Control Polarity
—
Select USB Signal Drive Strength
—
Select USB Differential Pair Pin location
—
Select on-chip or off-chip voltage regulator mode
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems


Similar Part No. - USB2514I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2514I MICROCHIP-USB2514I Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2514I MICROCHIP-USB2514I Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2514I MICROCHIP-USB2514I Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2514I MICROCHIP-USB2514I Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
logo
SMSC Corporation
USB2514i-AEZG SMSC-USB2514i-AEZG Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2514I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2512I SMSC-USB2512I Datasheet
848Kb / 37P
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2513I SMSC-USB2513I Datasheet
999Kb / 48P
Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE1.1 ETC2-FE1.1 Datasheet
205Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com