Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3319 Datasheet (PDF) - SMSC Corporation

USB3319 Datasheet PDF - SMSC Corporation
Part # USB3319
Download  USB3319 Download
File Size   328.13 Kbytes
Page   12 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock

USB3319 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3319 Datasheet PDF - SMSC Corporation

Part # USB3319
Download  USB3319 Click to download

File Size   328.13 Kbytes
Page   12 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock

USB3319 Datasheet (HTML) - SMSC Corporation


USB3319 Product details

General Description
The USB3319 is a highly integrated Hi-Speed USB 2.0 Transceiver (PHY) that supports systems architectures based on a 13MHz reference clock. It is designed to be used in both commercial and industrial temperature applications.

PRODUCT FEATURES Data Brief
■ USB-IF “Hi-Speed” compliant to the Universal Serial Bus Specification Rev 2.0
■ Interface compliant with the ULPI Specification revision 1.1 as a Single Data Rate (SDR) PHY
■ 1.8V IO Voltage (±10%)
■ flexPWR® Technology
    — Low current design ideal for battery powered applications
    — “Sleep” mode tri-states all ULPI pins and places the part in a low current state
■ Supports FS pre-amble for FS hubs with a LS device attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep-alive pulse
■ Includes full support for the optional On-The-Go (OTG) protocol detailed in the On-The-Go Supplement Revision 1.0a specification
■ Supports the OTG Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
■ Allows host to turn VBUS off to conserve battery power in OTG applications
■ Support OTG monitoring of VBUS levels with internal comparators
■ “Wrapper-less” design for optimal timing performance and design ease
    — Low Latency Hi-Speed Receiver (43 Hi-Speed clocks Max) allows use of legacy UTMI Links with a ULPI bridge
■ Internal 5V cable short-circuit protection of ID, DP and DM lines to VBUS or ground
■ 13MHz Reference Clock Operation
    — 0 to 3.6V input drive tolerant
    — Able to accept “noisy” clock sources
■ Internal low jitter PLL for 480MHz Hi-Speed USB operation
■ Internal detection of the value of resistance to ground on the ID pin
■ Integrated battery to 3.3V LDO regulator
    — 2.2uF bypass capacitor
    — 100mV dropout voltage
■ Integrated ESD protection circuits
    — Up to ±15kV without any external devices
■ Carkit UART mode for non-USB serial data transfers
■ Integrated USB Switch
    — Allows single USB port of connection
    — High speed data
    — Battery charging
    — Stereo and mono/mic audio
    — USB1.1 data
■ Industrial Operating Temperature -40°C to +85°C
■ Packaging Options
    — 24 pin QFN lead-free RoHS compliant package (4 x 4 x 0.90 mm height)
    — 25 ball VFBGA lead-free RoHS compliant package also available; (3 x 3 x 0.88mm height)

Applications
    The USB3319 is targeted for any application where a HiSpeed USB connection is desired and when board space, power, and interface pins must be minimized.
    The USB3319 is well suited for:
    ■ Cell Phones
    ■ PDAs
    ■ MP3 Players
    ■ GPS Personal Navigation
    ■ Scanners
    ■ External Hard Drives
    ■ Digital Still and Video Cameras
    ■ Portable Media Players
    ■ Entertainment Devices
    ■ Printers
    ■ Set Top Boxes
    ■ Video Record/Playback Systems
    ■ IP and Video Phones
    ■ Gaming Consoles
    ■ POS Terminals




Similar Part No. - USB3319

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3311-CP-TR SMSC-USB3311-CP-TR Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3311-GJ-TR SMSC-USB3311-GJ-TR Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
More results


Similar Description - USB3319

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
USB3317 SMSC-USB3317 Datasheet
324Kb / 11P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
USB3318 SMSC-USB3318 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
logo
Microchip Technology
USB3317-CP-TR MICROCHIP-USB3317-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3318C-CP-TR MICROCHIP-USB3318C-CP-TR Datasheet
1Mb / 73P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
Revision 2.1 06-02-10
USB3317-CP-TR MICROCHIP-USB3317-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3317C-CP-TR MICROCHIP-USB3317C-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com