Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3319 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB3319
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3319 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB3319 Datasheet HTML 3Page - SMSC Corporation USB3319 Datasheet HTML 4Page - SMSC Corporation USB3319 Datasheet HTML 5Page - SMSC Corporation USB3319 Datasheet HTML 6Page - SMSC Corporation USB3319 Datasheet HTML 7Page - SMSC Corporation USB3319 Datasheet HTML 8Page - SMSC Corporation USB3319 Datasheet HTML 9Page - SMSC Corporation USB3319 Datasheet HTML 10Page - SMSC Corporation USB3319 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
SMSC USB3319
7
Revision 1.3 (11-02-07)
PRODUCT PREVIEW
4
D2
VDD3.3
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The
bypass capacitor should be placed as
close as possible to the USB3319.
5
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
6
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
7
E2
SPKR_R/M
I/O,
Analog
N/A
USB switch in/out for DP signals
8
E3
SPKR_L
I/O,
Analog
N/A
USB switch in/out for DM signals
9
D3
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is
the MSB.
10
E4
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
11
D4
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
12
E5
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
13
D5
CLKOUT
Output,
CMOS
N/A
60MHz reference clock output. All ULPI
signals are driven synchronous to the
rising edge of this clock.
14
C4
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
15
C5
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
16
B4
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
17
B5
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is
the LSB.
18
A5
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data.
When the Link is sending data to the
PHY, NXT indicates when the current
byte has been accepted by the PHY. The
Link places the next byte on the data bus
in the following clock cycle.
19
A4
DIR
Output,
CMOS
N/A
Controls the direction of the data bus.
When the PHY has data to transfer to the
Link, it drives DIR high to take ownership
of the bus. When the PHY has no data to
transfer it drives DIR low and monitors
the bus for commands from the Link.
Table 1 USB3319 Pin Description (continued)
PIN/
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com