Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9027 Datasheet (PDF) - Time Electronics Ltd.

9027 Datasheet PDF - Time Electronics Ltd.
Part # 9027
Download  9027 Download
File Size   877.74 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1021 Milliamp Source with Null Indicator

9027 Datasheet (PDF)

Go To PDF Page Download Datasheet
9027 Datasheet PDF - Time Electronics Ltd.

Part # 9027
Download  9027 Click to download

File Size   877.74 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1021 Milliamp Source with Null Indicator

9027 Datasheet (HTML) - Time Electronics Ltd.


9027 Product details

Features
• 0 to 100 mA output in 3 ranges
• Accuracy 0.02 %
• 25 ppm/hr stability
• Up to 40 V output drive
• Short circuit and overload protected
• Safety terminals
• Removable protective cover
• Supplied with rechargeable batteries
• 10 hours typical use between charges
• Optional carry case




Similar Part No. - 9027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9027 ETC2-9027 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9027 HEYCO-9027 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9027 TIME-ELECTRONICS-9027 Datasheet
456Kb / 2P
1006 DC Millivolt Source
06/22
9027 TIME-ELECTRONICS-9027 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
9027 TIME-ELECTRONICS-9027 Datasheet
488Kb / 2P
1077 Milliamp Transducer Simulator
07/22
More results


Similar Description - 9027

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N4904 SAVANTIC-2N4904 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Pan Jit International I...
1.5KE_SERIES PANJIT-1.5KE_SERIES_14 Datasheet
104Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
logo
KODENSHI_AUK CORP.
KIT2015S KODENSHI-KIT2015S Datasheet
239Kb / 3P
Photo Interrupter
04-August-14
logo
Assmann Electronics Inc...
A-DIO-FS06-GREEN ASSMANN-A-DIO-FS06-GREEN Datasheet
921Kb / 1P
ASS 1021 CO
logo
Diodes Incorporated
PR6001 DIODES-PR6001_15 Datasheet
95Kb / 3P
6.0A FAST RECOVERY RECTIFIER
DMN5L06K DIODES-DMN5L06K_15 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
logo
Murata Manufacturing Co...
LQW15AN43NJ00 MURATA-LQW15AN43NJ00 Datasheet
75Kb / 2P
Inductor
2016/01/11
LQW15AN5N7G8Z MURATA-LQW15AN5N7G8Z Datasheet
83Kb / 2P
Inductor
2016/04/21
LQG15HH3N3C02 MURATA-LQG15HH3N3C02 Datasheet
72Kb / 2P
Inductor
2016/04/21
logo
Balluff Korea Ltd.
BCC031A BALLUFF-BCC031A Datasheet
105Kb / 2P
Single-Ended Cordsets
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com