Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1024 Datasheet (PDF) - Time Electronics Ltd.

1024 Datasheet PDF - Time Electronics Ltd.
Part # 1024
Download  1024 Download
File Size   294.13 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1024 DC Current Calibrator

1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
1024 Datasheet PDF - Time Electronics Ltd.

Part # 1024
Download  1024 Click to download

File Size   294.13 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1024 DC Current Calibrator

1024 Datasheet (HTML) - Time Electronics Ltd.


1024 Product details

Features
• 0 to 100 mA in 5 ranges
• Accuracy 0.02 %
• 10 ppm/hr stability
• 30 ppm/°C temperature coefficient
• Up to 15 V output drive
• Battery or mains operation
• 12 hours typical use between charges
• Battery level indicator
• Optional carry case




Similar Part No. - 1024

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
1024-60LH/883 LATTICE-1024-60LH/883 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
logo
List of Unclassifed Man...
10240 ETC2-10240 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10240 HEYCO-10240 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10240-0210EC 3M-10240-0210EC Datasheet
32Kb / 2P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
More results


Similar Description - 1024

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
Microprocessor Calibrator Thermometer
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com