Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1024 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 1024
Description  1024 DC Current Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1024 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  1024 Datasheet HTML 1Page - Time Electronics Ltd. 1024 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1024 DC Current Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
04/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Output..................................................................... 0 to 100 mA in 5 ranges.
................................................................................. 0 to 99.999 mA in 1 μA steps.
................................................................................. 0 to 9.9999 mA in 100 nA steps.
................................................................................. 0 to 999.99 μA in 10 nA steps.
................................................................................. 0 to 99.999 μA in 1 nA steps.
................................................................................. 0 to 9.9999 μA in 0.1 nA steps.
Accuracy ................................................................ ± 0.02 % of setting + ± 0.005 % of range + ± 0.2 nA.
Voltage capacity .................................................... 15 V with new batteries or mains power (11 V with minimum allowable battery volts).
Regulation.............................................................. Load: better than 5 ppm per volt. Supply: better than 5 ppm per volt.
Output polarity....................................................... Positive or negative switch selected.
................................................................................. A centre ‘off’ position provides an open circuit on the output terminals.
Output stability ...................................................... Less than 30 ppm per °C (0 °C to + 50 °C).
................................................................................. Less than 10 ppm per hour at constant temperature.
................................................................................. Less than 75 ppm per 6 months.
Output noise .......................................................... 100 mA, 10 mA and 1 mA ranges: less than 5 ppm of full scale.
................................................................................. 100 μA and 10 μA ranges: less than 10 ppm of full scale ± 0.1 nA.
Null sensitivity........................................................ Adjustable from ± 25 mA to ± 25 μA FSD via front panel control.
................................................................................. Maximum resolution is 0.5 μA.
Power supply ......................................................... Time Electronics power unit type PU2 which is housed in the rear of the 1024.
................................................................................. The PU2 will power the 1024 direct from the mains or an internal rechargeable battery.
................................................................................. The battery is automatically charged when mains power is connected.
................................................................................. Access to the power supply is from the back of instrument.
Battery level indicator ........................................... A front panel LED provides an indication of the battery condition.
General Specifications
Dimensions ............................................................ W 217 x H 160 x D 193 mm.
Weight..................................................................... 3.3 kg.
Optional extras ...................................................... Leather carry case
................................................................................. Calibration certificates: Traceable (Factory) and Accredited (ISO 17025).
Country of origin.................................................... UK.
Ordering Information
1024......................................................................DC Current Calibrator with null measuring facility
9021......................................................................... Carry case
C154........................................................................ Traceable calibration certificate (Factory)
C106........................................................................ Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com