Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1048 Datasheet (PDF) - Time Electronics Ltd.

1048 Datasheet PDF - Time Electronics Ltd.
Part # 1048
Download  1048 Download
File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1048 Voltage / Current / Loop Calibrator

1048 Datasheet (PDF)

Go To PDF Page Download Datasheet
1048 Datasheet PDF - Time Electronics Ltd.

Part # 1048
Download  1048 Click to download

File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1048 Voltage / Current / Loop Calibrator

1048 Datasheet (HTML) - Time Electronics Ltd.


1048 Product details

Features
• Source/measure voltage and current
• 3 source ranges: 0 to 22 mA and 0 to 22 V
• 3 measure ranges: 0 to 70 mA and 0 to 50 V
• Accuracy 0.02 %
• Transmitter simulator/sink loop control
• Output steps and ramps
• Fine adjustment (inching)
• 20 hours typical battery life
• Optional mains power supply (230 V and 110 V available)




Similar Part No. - 1048

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
247Kb / 1P
DUAL SM BATTERY HOLDER
8.19.10
logo
Adafruit Industries
1048 ADAFRUIT-1048 Datasheet
210Kb / 2P
1048
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
10480 ETC-10480 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10480 HEYCO-10480 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
More results


Similar Description - 1048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
232PCLR ETC1-232PCLR Datasheet
77Kb / 1P
Current Loop Converter
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
logo
Extech Instruments Corp...
412440-S EXTECH-412440-S Datasheet
118Kb / 1P
Current Loop Checker
logo
M-System Co.,Ltd.
CHCLA MSYSTEM-CHCLA Datasheet
659Kb / 4P
CURRENT LOOP CHECKER
logo
Analog Devices
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com