Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1048 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 1048
Description  1048 Voltage / Current / Loop Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1048 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  1048 Datasheet HTML 1Page - Time Electronics Ltd. 1048 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1048 Voltage / Current / Loop Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A portable instrument that operates as a current and voltage source and a
multi-purpose loop calibrator. High performance and simple operation
make it suitable for R&D, service, process control engineers, and
calibration technicians. As a versatile handheld calibrator, the source and
measure capabilities with 0.02 % accuracy mean the 1048 is a compact
solution for most simulation and test applications.
The 1048 combines the advantages of digital accuracy with analog control.
Based on the popular functionality of the Time Electronics 1044 calibrator,
the 1048 offers higher voltage and current across the three ranges, and
improved accuracy. The additional features of transmitter simulation, sink
loop control, output stepping and ramping, and incremental fine adjustment
make the instrument ideal for use in the process industry.
The large, easy to read 4.5 digit LCD display shows the actual output, even
when the connected load exceeds the specifications. This important
feature eliminates the risk of large errors when connecting to unknown
loads. The display also indicates if the battery becomes critically low.
In the source mode, voltage up to 22 V and current up to 22 mA may be
generated in three ranges. When in current source mode the 1048 has a
high 24 V compliance voltage which is ideal for powering process loops. In
the measurement mode, the range and function can be easily selected, with
the measured input accurately shown on the display.
The step, ramp, and inching functions are simple operation, with no key press
menus to learn, just switches and buttons. A multi-turn potentiometer controls
the output, with up/down incrementing buttons for fine control. The output can
be reversed (+/-) and zeroed at the flick of a switch. The automatic ramp
function enables the user to choose either 5, 11, or 21 point calibration. Manual
operation can be quickly restored by a single push of a button.
The 1048 is housed in a pocket sized ABS case, with carry case supplied
as standard. Connections are by standard 4 mm plugs or by clamping the
wires under the terminals. A single 9 V battery powers the unit or an external
12 V DC power supply may be used which disconnects the internal battery.
Features
• Source/measure voltage and current
• 3 source ranges: 0 to 22 mA and 0 to 22 V
• 3 measure ranges: 0 to 70 mA and 0 to 50 V
• Accuracy 0.02 %
• Transmitter simulator/sink loop control
• Output steps and ramps
• Fine adjustment (inching)
• 20 hours typical battery life
• Optional mains power supply (230 V and 110 V available)
Applications
Common use of the 1048 is to simulate a transducer or measure the
current flow in a transducer loop. The 1048 can be used to check a
4 to 20 mA system in either source or measure modes of operation, with
the 24 V compliance voltage powering the loop when current source
mode is selected.
In the source mode, the 1048 may be used to calibrate meters,
thermocouple
indicators,
data
loggers,
for
signal
injection,
semiconductor characterisation, or as a backing off source. In the
measure mode, the 1048 may be used in the same way as a digital
multimeter, checking DC voltages and current over 3 ranges with
excellent resolution and accuracy.


Similar Part No. - 1048

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
247Kb / 1P
DUAL SM BATTERY HOLDER
8.19.10
logo
Adafruit Industries
1048 ADAFRUIT-1048 Datasheet
210Kb / 2P
1048
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
10480 ETC-10480 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10480 HEYCO-10480 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
More results

Similar Description - 1048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
232PCLR ETC1-232PCLR Datasheet
77Kb / 1P
Current Loop Converter
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
logo
Extech Instruments Corp...
412440-S EXTECH-412440-S Datasheet
118Kb / 1P
Current Loop Checker
logo
M-System Co.,Ltd.
CHCLA MSYSTEM-CHCLA Datasheet
659Kb / 4P
CURRENT LOOP CHECKER
logo
Analog Devices
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com