Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C114 Datasheet (PDF) - Time Electronics Ltd.

C114 Datasheet PDF - Time Electronics Ltd.
Part # C114
Download  C114 Download
File Size   386.02 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1067 Resistance Decade Box

C114 Datasheet (PDF)

Go To PDF Page Download Datasheet
C114 Datasheet PDF - Time Electronics Ltd.

Part # C114
Download  C114 Click to download

File Size   386.02 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1067 Resistance Decade Box

C114 Datasheet (HTML) - Time Electronics Ltd.


C114 Product details

Features
• 10 mΩ to 12 kΩ
• 0.01 % accuracy
• Precision Pt100 simulation
• Low temperature coefficient
• In-line readout
• Excellent long term stability
• 6 digit resolution
• Fully screened




Similar Part No. - C114

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114 KEMET-C114 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C114 KEMET-C114 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Time Electronics Ltd.
C114 TIME-ELECTRONICS-C114 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C114 TIME-ELECTRONICS-C114 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C114 TIME-ELECTRONICS-C114 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
More results


Similar Description - C114

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com